Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5LC1008DCJ-10/XT Datasheet(PDF) 10 Page - Austin Semiconductor

Part # AS5LC1008DCJ-10/XT
Description  128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC1008DCJ-10/XT Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button AS5LC1008DCJ-10/XT Datasheet HTML 2Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 3Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 4Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 5Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 6Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 7Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 8Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 9Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 10Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC1008
Austin Semiconductor, Inc.
AS5LC1008
Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Military Temperature Range
-55oC to +125oC
Device Number
Package
Type
Speed
ns
Process
AS5LC1008
DJ
-10
/*
AS5LC1008
DJ
-12
/*
AS5LC1008
DJ
-15
/*
AS5LC1008
DJ
-20
/*
Device Number
Package
Type
Speed
ns
Process
AS5LC1008
DCJ
-10
/*
AS5LC1008
DCJ
-12
/*
AS5LC1008
DCJ
-15
/*
AS5LC1008
DCJ
-20
/*
EXAMPLE: AS5LC1008DJ-12/XT
EXAMPLE: AS5LC1008DCJ-10/IT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com