Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2V Datasheet(PDF) 20 Page - STMicroelectronics

Part # PSD835G2V
Description  Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2V Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PSD835G2V_07 Datasheet HTML 16Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 17Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 18Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 19Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 20Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 21Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 22Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 23Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 118 page
background image
PSD architectural overview
PSD835G2V
20/118
2.4
I/O Ports
The PSD has 52 I/O pins distributed over the seven ports (Port A, B, C, D, E, F and G). Each
I/O pin can be individually configured for different functions. Ports can be configured as
standard MCU I/O ports, PLD I/O, or latched address outputs for MCUs using multiplexed
address/data buses.
The JTAG pins can be enabled on Port E for In-System Programming (ISP). Ports F and G
can also be configured as data ports for a non-multiplexed bus.
Ports A and B can also be configured as a data port for a non-multiplexed bus.
2.5
MCU Bus Interface
PSD interfaces easily with most 8-bit MCUs that have either multiplexed or non-multiplexed
address/data buses. The device is configured to respond to the MCU’s control signals,
which are also used as inputs to the PLDs. For examples, please see MCU bus interface
examples on page 63.
2.6
JTAG Port
In-System Programming (ISP) can be performed through the JTAG signals on Port E. This
serial interface allows complete programming of the entire PSD device. A blank device can
be completely programmed. The JTAG signals (TMS, TCK, TSTAT, TERR, TDI, TDO) can
be multiplexed with other functions on Port E. Table 3. on page 20 indicates the JTAG pin
assignments.
2.7
In-system programming (ISP)
Using the JTAG signals on Port E, the entire PSD device (memory, logic, configuration) can
be programmed or erased without the use of the MCU.
Table 2.
PLD I/O
Name
Inputs
Outputs
Product Terms
Decode PLD (DPLD)
82
17
43
Complex PLD (CPLD)
82
24
150
Table 3.
JTAG signals on Port E
Port E Pins
JTAG Signal
PE0
TMS
PE1
TCK
PE2
TDI
PE3
TDO
PE4
TSTAT
PE5
TERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com