Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2V Datasheet(PDF) 49 Page - STMicroelectronics

Part # PSD835G2V
Description  Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2V Datasheet(HTML) 49 Page - STMicroelectronics

Back Button PSD835G2V_07 Datasheet HTML 45Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 46Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 47Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 48Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 49Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 50Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 51Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 52Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
PSD835G2V
Memory ID registers
49/118
14
Memory ID registers
The 8-bit Read-Only Memory Status Registers are included in the CSIOP space. The user
can determine the memory configuration of the PSD device by reading the Memory ID0 and
ID1 Registers. The contents of the registers are defined in Table 25 and Table 26. on page
28.
15
PLDs
The PLDs bring programmable logic functionality to the PSD. After specifying the logic for
the PLDs in PSDsoft, the logic is programmed into the device and available upon Power-up.
The PSD contains two PLDs: the Decode PLD (DPLD), and the Complex PLD (CPLD). The
PLDs are briefly discussed in the next few paragraphs, and in more detail in Decode PLD
(DPLD) on page 52, and in Complex PLD (CPLD) on page 53. Figure 12. on page 51 shows
the configuration of the PLDs.
The DPLD performs address decoding for Select signals for internal components, such as
memory, registers, and I/O ports.
The CPLD can be used for logic functions, such as loadable counters and shift registers,
state machines, and encoding and decoding logic. These logic functions can be constructed
using the 16 Output Macrocells (OMC), 24 Input Macrocells (IMC), and the AND Array. The
CPLD can also be used to generate External Chip Select (ECS0-ECS2) signals.
The AND Array is used to form product terms. These product terms are specified using
PSDsoft. An Input Bus consisting of 82 signals is connected to the PLDs. The signals are
shown in Table 30.
15.1
The Turbo Bit in PSD
The PLDs in the PSD can minimize power consumption by switching to standby when inputs
remain unchanged for an extended time of about 70ns. Resetting the Turbo bit to 0 (Bit 3 of
PMMR0) automatically places the PLDs into standby if no inputs are changing. Turning the
Turbo mode off increases propagation delays while reducing power consumption. See
Power management on page 84, on how to set the Turbo bit.
Additionally, five bits are available in PMMR2 to block MCU control signals from entering the
PLDs. This reduces power consumption and can be used only when these MCU control
signals are not used in PLD logic equations.
Each of the two PLDs has unique characteristics suited for its applications. They are
described in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com