Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2V Datasheet(PDF) 23 Page - STMicroelectronics

Part # PSD835G2V
Description  Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2V Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PSD835G2V_07 Datasheet HTML 19Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 20Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 21Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 22Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 23Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 24Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 25Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 26Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 118 page
background image
PSD835G2V
PSD register description and address offset
23/118
4
PSD register description and address offset
Table 5 shows the offset addresses to the PSD registers relative to the CSIOP base
address. The CSIOP space is the 256 Bytes of address that is allocated by the user to the
internal PSD registers. Table 5 provides brief descriptions of the registers in CSIOP space.
The following section gives a more detailed description.
Table 5.
Register address offset
Register name Port A Port B Port C Port D Port E Port F Port G Other(1)
Description
Data In
00
01
10
11
30
40
41
Reads Port pin as input, MCU
I/O input mode
Control
32
42
43
Selects mode between MCU
I/O or Address Out
Data Out
04
05
14
15
34
44
45
Stores data for output to Port
pins, MCU I/O output mode
Direction
06
07
14
15
36
46
47
Configures Port pin as input or
output
Drive Select
08
09
18
19
38
48
49
Configures Port pins as either
CMOS or Open Drain on some
pins, while selecting high slew
rate on other pins.
Input Macrocell
0A
0B
1A
Reads Input Macrocells
Enable Out
0C
0D
1C
1B
4C
Reads the status of the output
enable to the I/O Port driver
Output
Macrocells A
20
Read – reads output of
macrocells A
Write – loads macrocell flip-
flops
Output
Macrocells B
21
Read – reads output of
macrocells B
Write – loads macrocell flip-
flops
Mask
Macrocells A
22
Blocks writing to the Output
Macrocells A
Mask
Macrocells B
23
Blocks writing to the Output
Macrocells B
Primary Flash
Protection
C0
Read only – Primary Flash
Sector Protection
Secondary
Flash memory
Protection
C2
Read only – PSD Security and
Secondary Flash memory
Sector Protection
JTAG Enable
C7
Enables JTAG Port
PMMR0
B0
Power Management Register 0
PMMR2
B4
Power Management Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com