Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XN-2P-RKMT299 Datasheet(PDF) 7 Page - Extreme Networks.

Part # XN-2P-RKMT299
Description  Universal Edge and Aggregation Switch Platform
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 Datasheet(HTML) 7 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 8Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 9Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CB Report & Certificate IEC 62368-1
AS/NZS 60950-1 (Australia/New Zealand)
EMI/EMC Standards
North American EMC for ITE
FCC CFR 47 Part 15 Class A (USA)
ICES-003 Class A (Canada)
European EMC Standards
EN 55032 Class A
EN 55024
EN 61000-3-2,2014 (Harmonics)
EN 61000-3-3 2013 (Flicker)
EN 300 386 (EMC Telecommunications)
2014/30/EU EMC Directive
International EMC Certifications
CISPR 32, Class A (International Emissions)
AS/NZS CISPR32
CISPR 24 Class A (International Immunity)
IEC 61000-4-2/EN 61000-4-2 Electrostatic Discharge, 8kV Contact, 15 kV Air,
Criteria B
IEC 61000-4-3/EN 61000-4-3 Radiated Immunity 10V/m, Criteria A
IEC 61000-4-4/EN 61000-4-4 Transient Burst, 2 kV, Criteria B
IEC 61000-4-5/EN 61000-4-5 Surge, 2 kV L-L, 2 kV L-G, Level 3, Criteria B
IEC 61000-4-6 Conducted Immunity, 0.15-80 MHz, 10V/rms, 80%AM (1kHz),
Criteria A
IEC/EN 61000-4-11 Power Dips & Interruptions, >30%, 25 periods, Criteria C
Country Specific
VCCI Class A (Japan Emissions)
ACMA RCM (Australia Emissions)
CCC Mark (China)
KCC Mark, EMC Approval (Korea)
BSMI (Taiwan)
Anatel (Brazil)
NoM (Mexico)
EAC (Russia, Belarus, Kazakhstan)
NRCS (South Africa)
IEEE 802.3 Media Access Standards
IEEE 802.3ab 1000BASE-T
IEEE 802.3bz 2.5G/5G/10GBASE-T
IEEE 802.3bt Type 4 PoE
IEEE 802.3ae 10GBASE-X
IEEE 802.3by 25GBASE-X
IEEE 802.3ba/802.3bm 40GBASE-X and 100GBASE-X
IEEE 802.3az Energy Efficient Ethernet
Ordering Notes
When you order a 5720 switch, you will receive the base switch
along with that base’s software license, fan modules, and rack-
mount kit.
Versatile Interface Modules (VIMs), power supplies, transceiver
and optics, power cords, and Premier and/or MACsec licenses
must be ordered separately. At least one Power Supply Unit (PSU)
is required to operate 5720 models, and a second PSU is required
for redundancy or additional power.
Base Software and Optional Premier
License
The Base software included with each 5720 unit supports the
most available switch features. However, certain features require a
Premier license to operate.
For Switch Engine, a Premier License is required for:
• Five or more OSPF interfaces
• Three or more BGP peers
• PIM DM / PM SSM
• Anycast RP (Rendezvous Point)
• Multi-Source Discovery Protocol (MSDP)
• IS-IS/BGP4/MBGP
• GRE Tunneling
• Ethernet VPN (EVPN)
• Integrated Application Hosting (once available)
For Fabric Engine, a Premier license is required for:
• Five or more OSFP or RIP interfaces
• Three or more BGP peers
• Layer 3 Virtual Service Networks (L3 VSNs)
• Distributed Virtual Routing (DvR) Controller
• Integrated Application Hosting
www.extremenetworks.com
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com