Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XN-2P-RKMT299 Datasheet(PDF) 9 Page - Extreme Networks.

Part # XN-2P-RKMT299
Description  Universal Edge and Aggregation Switch Platform
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 Datasheet(HTML) 9 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 8Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 9Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Software Licenses
Part Number
Product Name
Product Description
5000-PRMR-LIC-P
Premier License for 5000
Series
Perpetual Premier License for 5000 Series switches
5000-MACSEC-LIC-P
MACsec License for the
5000 Series
Perpetual MACsec License for the 5000 Series switches
Optics / Transceivers
For a list of the optics and transceivers supported on the 5720 Series
hardware, refer to our Extreme Optics Compatibility Tool.
Power Cords
Power cords are not included with the 5720 in support of our green
initiatives but can be ordered separately.
Warranty
All 5720 Series models are covered under Extreme’s Universal LLW policy.
For warranty details, visit our Policies and Warranties page.
Maintenance Services
Extreme’s maintenance and support services are provided 100% by in-
house engineering experts. We have a rate of over 90% first-person
resolution, ensuring efficient operation of your business-essential network.
With 24x7x365 phone support, advanced parts replacement, and on-site
support, we augment your staff with expert resources to help you mitigate
critical network issues fast. Visit our ExtremeWorks Maintenance Services
for more information.
©2024 Extreme Networks, Inc. All rights reserved. Extreme Networks and the Extreme Networks logo are trademarks or registered trademarks of Extreme Networks,
Inc. in the United States and/or other countries. All other names are the property of their respective owners. For additional information on Extreme Networks
Trademarks please see http://www.extremenetworks.com/company/legal/trademarks. Specifications and product availability are subject to change without notice.
3jan24
www.extremenetworks.com
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com