Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XN-2P-RKMT299 Datasheet(PDF) 8 Page - Extreme Networks.

Part # XN-2P-RKMT299
Description  Universal Edge and Aggregation Switch Platform
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 Datasheet(HTML) 8 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 8Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 9Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering Information
5720 Systems
Part Number
Product Name
Product Description
5720-24MW
5720 24-port 100Mb/1Gb/
2.5Gb/5Gb switch with
90W PoE
5720 Universal Switch with 24 x 100Mb/1Gb/2.5Gb/5Gb 802.3bt 90W PoE ports, 2 x Stacking/
QSFP28 ports, 1 unpopulated VIM slot, MACsec-capable, includes 2 x unpopulated PSU slots, fan
modules, 4-post rack mount kit, Base software license.
5720-48MW
5720 48-port 100Mb/1Gb/
2.5Gb/5Gb switch with
90W PoE
5720 Universal Switch with 48 x 100Mb/1Gb/2.5Gb/5Gb 802.3bt 90W PoE ports, 2 x Stacking/
QSFP28 ports, 1 unpopulated VIM slot, MACsec-capable, includes 2 x unpopulated PSU slots, fan
modules, 4-post rack mount kit, Base software license.
5720-24MXW
5720 24-port 100Mb/1Gb/
2.5Gb/5Gb/10Gb switch
with 90W PoE
5720 Universal Switch with 24 x 100Mb/1Gb/2.5Gb/5Gb/10Gb 802.3bt 90W PoE ports, 2 x Stacking/
QSFP28 ports, 1 unpopulated VIM slot, MACsec-capable, includes 2 x unpopulated PSU slots, fan
modules, 4-post rack mount kit, Base software license.
5720-48MXW
5720 48-port 100Mb/1Gb/
2.5Gb/5Gb/10Gb switch
with 90W PoE
5720 Universal Switch with 48 x 100Mb/1Gb/2.5Gb/5Gb/10Gb 802.3bt 90W PoE ports, 2 x
Stacking/QSFP28 ports, 1 unpopulated VIM slot, MACsec-capable, includes 2 x unpopulated PSU
slots, fan modules, 4-post rack mount kit, Base software license.
VIM Modules
Part Number
Product Name
Product Description
5720-VIM-6YE
6-port SFP28 module
MACsec-capable
5720 Versatile Interface Module with 6 x 1Gb/10Gb/25Gb SFP28 MACsec-capable ports
5720-VIM-2CE
2-port QSFP28 module
MACsec-capable
5720 Versatile Interface Module with 2 x 100Gb QSFP28 MACsec-capable ports
Accessories
Part Number
Product Name
Product Description
XN-ACPWR-715W-FB
715WAC PSU FB
715W AC Power Supply Module (PSU) – Front-to-Back airflow – also used in 5520, X465, and VSP
4900
XN-ACPWR-1100W-FB
1100WAC PSU FB
1100W AC Power Supply Module (PSU) – Front-to-Back airflow – also used in 5520, X465, and VSP
4900
XN-ACPWR-2000W-FB
2000W AC PSU FB
2000W AC Power Supply Module (PSU) – Front-to-Back airflow – also used in 5520, X465, and
VSP 4900
XN-FAN-005-F
Spare Fan module
Spare fan module used in 5720 Series switches
XN-SSD-002-120
120GB SSD Module
120Gb Solid-State Drive (SSD) module for use with Integrated Application Hosting on the
5720-24MXW and 5720-48MXW model switches
XN-2P-RKMT299
Optional Two-Post Rack
Mount Kit
Optional Two-Post rack mount kit for use with 5720 Series switches
XN-4P-RKMT299
Spare Four-Post Rack
Mount Kit
Spare Four-Post rack mount kit for use with 5720 Series switches
www.extremenetworks.com
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com