Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XN-2P-RKMT299 Datasheet(PDF) 6 Page - Extreme Networks.

Part # XN-2P-RKMT299
Description  Universal Edge and Aggregation Switch Platform
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 Datasheet(HTML) 6 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 8Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 9Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PoE Power Budget
Switch Model
1 x 715W
2 x 715W
1 x 1100W
2 x 1100W
1 x 2000W @
110-132V AC
2 x 2000W @
110-132V AC
1 x 2000W @
220-264V AC
2 x 2000W @
220-264V AC
5720-24MW
450W
1093W
835W
1825W
835W
1825W
1735W
2160W
5720-24MXW
450W
1093W
835W
1825W
835W
1825W
1735W
2160W
5720-48MW
450W
1093W
835W
1825W
835W
1825W
1735W
3535W
5720-48MXW
450W
1093W
835W
1825W
835W
1825W
1735W
3535W
Note: It is recommended that primary and secondary power supply units (PSUs) be of the same type to support optimal PoE operation.
Acoustics and Noise
Switch Model
Bystander Sound Pressure (dB)
Weighted Sound Power level (B)
5720-24MW
48.8
6.3
5720-48MW
55.1
6.7
5720-24MXW
48.5
6.3
5720-48MXW
54.7
6.7
Note: All ports link up with full traffic, 50% PoE Budget Load, Dual 2000W PSU, 25°C
Environmental
Environmental Specifications
EN/ETSI 300 019-2-1 v2.1.2 - Class 1.2 Storage
EN/ETSI 300 019-2-2 v2.1.2 - Class 2.3 Transportation
EN/ETSI 300 019-2-3 v2.1.2 - Class 3.1e Operational
EN/ETSI 300 753 (1997-10) - Acoustic Noise
ASTM D3580 Random Vibration Unpackaged 1.5 G
Environmental Compliance
EU RoHS - 2011/65/EU
EU WEEE - 2012/19/EU
EU REACH – Regulation (EC) No 1907/2006 Reporting
China RoHS - SJ/T 11363-2006
Taiwan RoHS - CNS 15663(2013.7)
Environmental Operating Conditions
Temp: 0°C to 50°C (32°F to 122°F)
Humidity: 10% to 95% relative humidity, non-condensing
Altitude: 0 to 3,000 meters (9,850 feet)
Shock (half sine) 30m/s2 (3G), 11ms, 60 shocks
Random vibration: 3 to 500 Hz at 1.5 G rms
Packaging and Storage Specifications
Temp: -40°C to 70°C (-40°F to 158°F)
Humidity: 10% to 95% relative humidity, non-condensing
Packaged Shock (half sine): 180 m/s2 (18 G), 6 ms, 600 shocks
Packaged Vibration: 5 to 62 Hz at velocity 5 mm/s, 62 to 500 Hz at 0.2 G
Packaged Random Vibration: 5 to 20 Hz at 1.0 ASD w/–3 dB/oct. from 20 to
200 Hz
Packaged Drop Height: 14 drops minimum on sides and corners at 42
inches (<15 kg box)
Regulatory and Safety
North American ITE
UL 60950-1
UL/CuL 62368-1 Listed
CSA 22.2 No. 60950-1 2nd edition 2014 (Canada)
Complies with FCC 21CFR 1040.10 (U.S. Laser Safety)
CDRH Letter of Approval (US FDA Approval)
European ITE
EN 60950-1 2nd Edition
EN 62368-1
EN 60825-1Class 1 (Lasers Safety)
2014/35/EU Low Voltage Directive
International ITE
CB Report & Certificate per IEC 60950-1
www.extremenetworks.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com