| Electronic Components Datasheet Search |
|
AMD-K6-2E/233AFZ Datasheet(PDF) 29 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6-2E/233AFZ Datasheet(HTML) 29 Page - Advanced Micro Devices |
|
29 / 332 page ![]() Chapter 2 Internal Architecture 11 22529B/0—January 2000 AMD-K6™-2E Processor Data Sheet Preliminary Information that correspond to the x86 general-purpose registers— EAX, EBX, ECX, EDX, EBP, ESP, ESI, and EDI. s An analogous set of 21 registers is available specifically for MMX and 3DNow! operations. • Twelve of these are MMX/3DNow! rename registers. • Nine are MMX/3DNow! committed or architectural registers, consisting of one scratch register and eight registers that correspond to the MMX registers (mm0– mm7). For more detailed information, see the 3DNow!™ Technology Manual, order #21928. Branch Logic T h e AMD-K6 -2 E pr oce s sor i s d e sig n ed wit h h i g h l y sophisticated dynamic branch logic consisting of the following: s Branch history/Prediction table s Branch target cache s Return address stack The AMD-K6-2E processor implements a two-level branch prediction scheme based on an 8192-entry branch history table. The branch history table stores prediction information that is used for predicting conditional branches. Because the branch history table does not store predicted target addresses, special address ALUs calculate target addresses on-the-fly during instruction decode. Th e bra n ch t a rg e t c a ch e aug m e n t s predic t e d branch performance by avoiding a one clock cache-fetch penalty. This specialized target cache does this by supplying the first 16 bytes of target instructions to the decoders when branches are predicted. The return address stack is a unique device specifically designed for optimizing CALL and RETURN pairs. In summary, the AMD-K6-2E processor uses dynamic branch logic to minimize delays due to the branch instructions that are common in x86 software. 3DNow!™ Technology AMD has taken a lead role in improving the multimedia and 3D capabilities of the x86 processor family with the introduction of 3DNow! technology, which uses a packed, single-precision, floating-point data format and Single Instruction Multiple Data (SIMD) operations also found in the MMX technology model. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |