Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AFZ Datasheet(PDF) 89 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AFZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AFZ Datasheet(HTML) 89 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AFZ Datasheet HTML 85Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 86Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 87Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 88Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 89Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 90Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 91Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 92Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 332 page
background image
Chapter 3
Software Environment
71
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
SETP/SETPE mem8
0Fh
9Ah
mm-xxx-xxx
vector
SETNP/SETPO mreg8
0Fh
9Bh
11-xxx-xxx
vector
SETNP/SETPO mem8
0Fh
9Bh
mm-xxx-xxx
vector
SETL/SETNGE mreg8
0Fh
9Ch
11-xxx-xxx
vector
SETL/SETNGE mem8
0Fh
9Ch
mm-xxx-xxx
vector
SETNL/SETGE mreg8
0Fh
9Dh
11-xxx-xxx
vector
SETNL/SETGE mem8
0Fh
9Dh
mm-xxx-xxx
vector
SETLE/SETNG mreg8
0Fh
9Eh
11-xxx-xxx
vector
SETLE/SETNG mem8
0Fh
9Eh
mm-xxx-xxx
vector
SETNLE/SETG mreg8
0Fh
9Fh
11-xxx-xxx
vector
SETNLE/SETG mem8
0Fh
9Fh
mm-xxx-xxx
vector
SGDT mem48
0Fh
01h
mm-000-xxx
vector
SIDT mem48
0Fh
01h
mm-001-xxx
vector
SHL/SAL mreg8, imm8
C0h
11-100-xxx
short
alux
SHL/SAL mem8, imm8
C0h
mm-100-xxx
vector
SHL/SAL mreg16/32, imm8
C1h
11-100-xxx
short
alu
SHL/SAL mem16/32, imm8
C1h
mm-100-xxx
vector
SHL/SAL mreg8, 1
D0h
11-100-xxx
short
alux
SHL/SAL mem8, 1
D0h
mm-100-xxx
vector
SHL/SAL mreg16/32, 1
D1h
11-100-xxx
short
alu
SHL/SAL mem16/32, 1
D1h
mm-100-xxx
vector
SHL/SAL mreg8, CL
D2h
11-100-xxx
short
alux
SHL/SAL mem8, CL
D2h
mm-100-xxx
vector
SHL/SAL mreg16/32, CL
D3h
11-100-xxx
short
alu
SHL/SAL mem16/32, CL
D3h
mm-100-xxx
vector
SHR mreg8, imm8
C0h
11-101-xxx
short
alux
SHR mem8, imm8
C0h
mm-101-xxx
vector
SHR mreg16/32, imm8
C1h
11-101-xxx
short
alu
SHR mem16/32, imm8
C1h
mm-101-xxx
vector
SHR mreg8, 1
D0h
11-101-xxx
short
alux
SHR mem8, 1
D0h
mm-101-xxx
vector
SHR mreg16/32, 1
D1h
11-101-xxx
short
alu
SHR mem16/32, 1
D1h
mm-101-xxx
vector
SHR mreg8, CL
D2h
11-101-xxx
short
alux
SHR mem8, CL
D2h
mm-101-xxx
vector
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com