Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AFZ Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AFZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AFZ Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AFZ Datasheet HTML 28Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 29Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 30Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 31Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 32Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 33Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 34Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 35Page - Advanced Micro Devices AMD-K6-2E/233AFZ Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 332 page
background image
14
Internal Architecture
Chapter 2
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Figure 3. The Instruction Buffer
Instruction Decode
The AMD-K6-2E processor decode logic is designed to decode
multiple x86 instructions per clock (see Figure 4 on page 15).
The decode logic accepts x86 instruction bytes and their
predecode bits from the instruction buffer, locates the actual
instruction boundaries, and generates RISC86 operations from
these x86 instructions.
RISC86 operations are fixed-format internal instructions. Most
RISC86 operations execute in a single clock. RISC86 operations
are combined to perform every function of the x86 instruction
set. Some x86 instructions are decoded into as few as zero
RISC86 opcodes, for instance a NOP, or one RISC86 operation,
a register-to-register add. More complex x86 instructions are
decoded into several RISC86 operations.
16 Instruction Bytes
plus
16 Sets of Predecode Bits
Branch-Target Cache
16 x 16 Bytes
2:1
Instruction Buffer
16 Bytes
16 Bytes
Branch Target
Address Adders
Return Address Stack
16 x 16 Bytes
32-Kbyte Level-One
Instruction Cache
Fetch Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com