| Electronic Components Datasheet Search |
|
AMD-K6-2E/233AFZ Datasheet(PDF) 30 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6-2E/233AFZ Datasheet(HTML) 30 Page - Advanced Micro Devices |
|
30 / 332 page ![]() 12 Internal Architecture Chapter 2 AMD-K6™-2E Processor Data Sheet 22529B/0—January 2000 Preliminary Information 2.2 Cache, Instruction Prefetch, and Predecode Bits The writeback level-one cache on the AMD-K6-2E processor is organized as a separate 32-Kbyte instruction cache and a 32-Kbyte data cache with two-way set associativity. The cache line size is 32 bytes and lines are prefetched from main memory using an efficient pipelined burst transaction. As the instruction cache is filled, each instruction byte is analyzed for instruction boundaries using predecoding logic. Predecoding annotates each instruction byte with information (5 bits per byte) that later enables the decoders to efficiently decode multiple instructions simultaneously. Cache The processor cache design takes advantage of a sectored organization (see Figure 2). Each sector consists of 64 bytes configured as two 32-byte cache lines. The two cache lines of a sector share a common tag but have separate pairs of MESI (Modified, Exclusive, Shared, Invalid) bits that track the state of each cache line. Figure 2. Cache Sector Organization Two forms of cache misses and associated cache fills can take place—a tag-miss cache fill and a tag-hit cache fill. s Tag-miss cache fill—The miss is due to a tag mismatch, in which case the required cache line is filled from external memory, and the cache line within the sector that was not required is marked as invalid. s Tag-hit cache fill—The address matches the tag, but the requested cache line is marked as invalid. The required cache line is filled from external memory, and the cache line within the sector that is not required remains in the same cache state. Prefetching The AMD-K6-2E processor conditionally performs cache prefetching which results in the filling of the required cache line first, and a prefetch of the second cache line making up the other half of the sector. From the perspective of the external bus, the two cache-line fills typically appear as two 32-byte Tag Address Cache Line 0 Byte 31 Predecode Bits Byte 30 Predecode Bits ........ ........ Byte 0 Predecode Bits MESI Bits Cache Line 1 Byte 31 Predecode Bits Byte 30 Predecode Bits ........ ........ Byte 0 Predecode Bits MESI Bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |