Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD55015S-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD55015S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015S-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD55015S-E Datasheet HTML 2Page - STMicroelectronics PD55015S-E Datasheet HTML 3Page - STMicroelectronics PD55015S-E Datasheet HTML 4Page - STMicroelectronics PD55015S-E Datasheet HTML 5Page - STMicroelectronics PD55015S-E Datasheet HTML 6Page - STMicroelectronics PD55015S-E Datasheet HTML 7Page - STMicroelectronics PD55015S-E Datasheet HTML 8Page - STMicroelectronics PD55015S-E Datasheet HTML 9Page - STMicroelectronics PD55015S-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Typical performance
PD55015-E, PD55015S-E
6/27
4
Typical performance
PD55015
Figure 2.
Capacitance vs drain voltage
Figure 3.
Drain current vs gate voltage
Figure 4.
Gate-source voltage vs
case temperature
0
5
10
15
20
25
30
VDS (V)
1
10
100
1000
C (pF)
Cis s
Co s s
Cr s s
f= 1 M H z
2.5
3
3.5
4
4.5
5
Vgs, GATE-SOURCE VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
VDS = 10 V
-25
0
25
50
75
Tc, CASE TEMPERATURE (°C)
0.96
0.98
1
1.02
1.04
ID = .25 A
ID
= 1A
ID = 1.5 A
ID = 2A
ID = 3A
VDS = 10 V
Figure 5.
Output power vs input power
Figure 6.
Power gain vs output power
0
0.2
0.4
0.6
0.8
1
Pin, INPUT POWER (W)
0
2
4
6
8
10
12
14
16
18
500 MHz
480 MHz
520 MHz
VDD = 12..5 V
IDQ = 150 mA
0
2
4
6
8
1012
141618
Pout, OUTPUT POWER (W)
10
12
14
16
18
500 MHz
480 MHz
520 MHz
Vdd = 12.5 V
Idq = 150 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com