Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD55015S-E Datasheet(PDF) 20 Page - STMicroelectronics

Part # PD55015S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015S-E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PD55015S-E Datasheet HTML 16Page - STMicroelectronics PD55015S-E Datasheet HTML 17Page - STMicroelectronics PD55015S-E Datasheet HTML 18Page - STMicroelectronics PD55015S-E Datasheet HTML 19Page - STMicroelectronics PD55015S-E Datasheet HTML 20Page - STMicroelectronics PD55015S-E Datasheet HTML 21Page - STMicroelectronics PD55015S-E Datasheet HTML 22Page - STMicroelectronics PD55015S-E Datasheet HTML 23Page - STMicroelectronics PD55015S-E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Common source s-parameter
PD55015-E, PD55015S-E
20/27
7.6
PD55015 (VDS = 12.5V IDS = 2.25A)
Table 12.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.845
-172
11.69
85
0.013
0
0.858
-174
100
0.891
-175
5.68
80
0.012
-3
0.862
-177
150
0.913
-177
3.84
76
0.012
-4
0.860
-178
200
0.923
-179
2.85
73
0.012
-6
0.866
-179
250
0.924
-180
2.25
67
0.012
-8
0.870
-179
300
0.927
180
1.86
63
0.011
-9
0.876
-179
350
0.930
179
1.55
59
0.011
-10
0.879
-180
400
0.933
178
1.33
55
0.010
-10
0.885
-180
450
0.935
178
1.15
50
0.010
-10
0.892
180
500
0.938
177
1.01
47
0.009
-9
0.898
179
550
0.940
176
0.89
43
0.008
-8
0.904
179
600
0.945
176
0.79
40
0.008
-5
0.912
178
650
0.948
175
0.71
37
0.073
-3
0.915
178
700
0.950
174
0.64
34
0.007
3
0.917
177
750
0.951
174
0.58
31
0.006
9
0.923
177
800
0.953
173
0.53
29
0.006
11
0.925
176
850
0.954
173
0.48
26
0.006
18
0.931
176
900
0.954
172
0.45
23
0.006
24
0.934
175
950
0.957
171
0.41
21
0.007
25
0.936
174
1000
0.959
171
0.38
19
0.007
36
0.939
174
1050
0.959
170
0.36
17
0.007
43
0.942
174
1100
0.960
170
0.33
15
0.007
47
0.943
173
1150
0.959
169
0.31
12
0.007
52
0.943
173
1200
0.961
168
0.29
11
0.007
53
0.943
172
1250
0.960
168
0.27
8
0.008
59
0.949
171
1300
0.961
167
0.26
6
0.009
60
0.950
171
1350
0.960
167
0.24
4
0.009
61
0.947
170
1400
0.592
166
0.22
2
0.009
64
0.945
170
1450
0.584
166
0.21
1
0.010
71
0.947
169
1500
0.954
165
0.19
0
0.010
82
0.945
168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com