Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD55015S-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD55015S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015S-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD55015S-E Datasheet HTML 3Page - STMicroelectronics PD55015S-E Datasheet HTML 4Page - STMicroelectronics PD55015S-E Datasheet HTML 5Page - STMicroelectronics PD55015S-E Datasheet HTML 6Page - STMicroelectronics PD55015S-E Datasheet HTML 7Page - STMicroelectronics PD55015S-E Datasheet HTML 8Page - STMicroelectronics PD55015S-E Datasheet HTML 9Page - STMicroelectronics PD55015S-E Datasheet HTML 10Page - STMicroelectronics PD55015S-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PD55015-E, PD55015S-E
Typical performance
7/27
Figure 7.
Drain efficiency vs.
output power
Figure 8.
Input return loss vs. output power
Figure 9.
Output power vs.
bias current
Figure 10.
Drain efficiency vs. bias current
Figure 11.
Output power vs.
drain voltage
Figure 12.
Drain efficiency vs. drain voltage
0
2
4
6
8
10
12
14
16
18
Pout, OUTPUT POWER (W)
0
10
20
30
40
50
60
500 MHz
520 MHz
480 MHz
Vdd = 12.5 V
Idq = 150 mA
0
2
4
6
8
10
12
14
16
18
Pout, OUTPUT POWER (W)
-40
-30
-20
-10
0
500 MHz
520 MHz
480 MHz
Vdd = 12.5 V
Idq = 150 mA
0
200
400
600
800
1000
Idq, BIAS CURRENT (mA)
12
14
16
18
20
22
520 MHz
480 MHz
500 MHz
Pin = .7 W
Vdd = 12.5 V
0
200
400
600
800
1000
Idq, BIAS CURRENT (mA)
30
40
50
60
70
500 MHz
480 MHz
520 MHz
Pin = .7 W
Vdd = 12.5 V
7
8
9
10
11
121314151617
VDS, DRAIN-SOURCE VOLTAGE (V)
0
5
10
15
20
25
520 MHz
480 MHz
500 MHz
Idq = 150mA
Pin = .7 W
7
8
9
1011
12
13
14151617
VDS, DRAIN-SOURCE VOLTAGE (V)
30
40
50
60
70
500 MHz
520 MHz
480 MHz
IDQ = 150mA
Pin = .7 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com