Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD55015S-E Datasheet(PDF) 18 Page - STMicroelectronics

Part # PD55015S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015S-E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PD55015S-E Datasheet HTML 14Page - STMicroelectronics PD55015S-E Datasheet HTML 15Page - STMicroelectronics PD55015S-E Datasheet HTML 16Page - STMicroelectronics PD55015S-E Datasheet HTML 17Page - STMicroelectronics PD55015S-E Datasheet HTML 18Page - STMicroelectronics PD55015S-E Datasheet HTML 19Page - STMicroelectronics PD55015S-E Datasheet HTML 20Page - STMicroelectronics PD55015S-E Datasheet HTML 21Page - STMicroelectronics PD55015S-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Common source s-parameter
PD55015-E, PD55015S-E
18/27
7.4
PD55015 (VDS = 12.5V IDS = 225mA)
Table 10.
S-parameter
FREQ
IS11IIS21IIS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.783
-164
10.63
89
0.027
-2
0.762
-164
100
0.831
-170
5.23
77
0.027
-12
0.775
-170
150
0.857
-173
3.36
68
0.026
-18
0.784
-171
200
0.873
-174
2.40
60
0.024
-24
0.810
-172
250
0.886
-175
1.82
54
0.022
-30
0.827
-172
300
0.899
-176
1.43
47
0.020
-34
0.852
-173
350
0.909
-177
1.15
42
0.018
-37
0.870
-174
400
0.921
-178
0.95
37
0.016
-41
0.882
-175
450
0.928
-179
0.80
33
0.015
-44
0.896
-175
500
0.937
-180
0.67
28
0.013
-45
0.911
-177
550
0.943
1790.58
250.011
-45
0.920
-177
600
0.947
1780.50
220.010
-48
0.929
-178
650
0.954
1770.44
190.008
-45
0.935
-179
700
0.956
1770.39
160.008
-45
0.941
180
750
0.959
1760.34
140.006
-42
0.945
179
800
0.960
1750.31
110.005
-35
0.947
18
850
0.964
174
0.28
9
0.005
-26
0.954
177
900
0.965
173
0.25
7
0.004
-7
0.955
177
950
0.968
173
0.23
6
0.003
-6
0.958
176
1000
0.969
172
0.21
4
0.003
16
0.959
175
1050
0.968
171
0.19
2
0.003
27
0.965
175
1100
0.969
171
0.18
1
0.004
42
0.963
174
1150
0.968
170
0.16
0
0.004
52
0.961
174
1200
0.970
169
0.15
-2
0.005
61
0.962
173
1250
0.969
169
0.14
-3
0.006
65
0.965
172
1300
0.969
168
0.13
-5
0.006
67
0.969
172
1350
0.968
167
0.12
-6
0.007
69
0.963
171
1400
0.967
167
0.11
-7
0.007
76
0.964
170
1450
0.966
166
0.11
-8
0.009
78
0.962
170
1500
0.962
166
0.10
-8
0.009
91
0.961
169
S11
∠Φ
S21
∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com