Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA188EM-PTQ100I-R Datasheet(PDF) 34 Page - InnovASIC, Inc

Part # IA188EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PTQ100I-R Datasheet(HTML) 34 Page - InnovASIC, Inc

Back Button IA188EM-PTQ100I-R Datasheet HTML 30Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 31Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 32Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 33Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 34Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 35Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 36Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 37Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 38Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
These registers control the operation of the Watchdog Timer interrupt source. The value of this register is
000Fh at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Res
MSK
PR2-PR0
Reserved (bits 15-5) – Set to 0.
Reserved (bit 4) – Set to 0.
MSK (bit 3) – Mask. This bit, when 0, enables the Watchdog Timer to cause an interrupt. When this
bit is 1 prevents the Watchdog Timer from generating an interrupt.
PR2-PR0 (bits 2-0) – Priority. These bits define the priority of the Watchdog Timer interrupt in
relation to other interrupt signals. The interrupt priority is the lowest at 7 at reset. The values of PR2
– PR0 are shown in the above table (Priority Level).
I4CON (040h) – INT4 CONtrol Register.
Master Mode
This register controls the operation of the int4 signal, which is only intended for use in fully nested mode.
The interrupt is assigned to type 10h.
The value of the I4CON register is 000Fh at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
LTM MSK
PR2-PR0
Reserved (bits 15-5) – Set to 0.
LTM (bit 4) – Level-Triggered Mode. The int4 interrupt may be edge or level triggered depending on
the value of the bit. If LTM is 1, int4 is active high-level sensitive interrupt l. If LTM is 0, int4 is a
rising edge triggered interrupt. The interrupt int4 must remain active (high) until serviced.
MSK (bit 3) – Mask. The int4 signal can cause an interrupt if the MSK bit is 0. The int4 signal cannot
cause an interrupt if the MSK bit is 1.
PR2-PR0 (bit 2-0) – Priority. These bits define the priority of the serial port interrupt in relation to
other interrupt signals. The interrupt priority is the lowest at 7 at reset. The values of PR2 – PR0 are
shown in the above table (Priority Level).
I3CON (03eh) – INT2/INT3 CONtrol Register.
I2CON (03ch),
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com