Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA188EM-PTQ100I-R Datasheet(PDF) 51 Page - InnovASIC, Inc

Part # IA188EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PTQ100I-R Datasheet(HTML) 51 Page - InnovASIC, Inc

Back Button IA188EM-PTQ100I-R Datasheet HTML 47Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 48Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 49Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 50Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 51Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 52Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 53Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 54Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 55Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
peripheral location (from 0 to 3). The control registers for pcs3_n – pcs0_n utilize three bits, R3, R1 – R0
(bits 3, 1 – 0) to provide 5, 7, 9, and 15 wait-states in addition to the original values of 0 – 3 wait states.
In the case where an external ready has been selected as required, internally programmed
wait-states will always be completed before the external ready can finish or extend a bus cycle. As an
example, consider a system in which the number of wait-states to be inserted has been set to three. The
external ready pin is sampled by the processor during the first wait cycle. The access is completed after
seven cycles (4 cycles plus 3 wait-cycles) if the ready is asserted. Alternatively, if the ready is not asserted
during the first wait cycle the access is prolonged until ready is asserted and two more wait-states are
inserted followed by t4.
Chip Select Overlap
Overlapping chip selects are those configurations in which more than one chip-select is asserted for the
same physical address. For example, if PCS is configured in I/O space with LCS or any other chip select
configured for memory, address 00000h is not overlapping the chip selects. It is not recommended that
multiple chip-select signals be asserted for the same physical address, although it may be inescapable in
certain systems. If this is the case, then all overlapping chip-selects must have the same external ready
configuration and the same number of wait-states to be inserted into access cycles.
Internal signals are employed to access the peripheral control block (PCB) and these signals serve as chip
selects that are configured with no wait-states and no external ready. Therefore, the PCB can be
programmed with addresses that overlap external chip-selects only if these chip selects are configured in
the same manner.
Care should be exercised in the use of the Disable Address (DA) bit in the LMCS or UMCS registers
when overlapping an additional chip-select with either the lcs_n or ucs_n chip-selects. Setting the DA bit
to 1 prevents the address from being driven onto the AD bus for all accesses for which the respective
chip-select is active, including those accesses for which the multiple selects are active.
The mcs_n and pcs_n pins are dual-purpose pins, either as chip-selects or PIO inputs or outputs.
However, their respective ready and wait-state configurations for their chip-select function will be in
effect no matter for which function these two pins are actually programmed. This requires that even if
these pins are configured as PIO and enabled (by writing to the MMCS and MPCS registers for the
mcs_n chip-selects and to the PACS and MPCS registers for the pcs_n chip-selects), the ready and wait-
state settings for these signals must agree with the settings for any over-lapping chip-selects as if they had
been configured as chip-selects.
Even though pcs4_n is not available as an external pin it has ready and wait-state logic and must therefore
follow the rules for overlapping chip-selects. pcs6_n and pcs5_n on the other hand have ready and wait-
state logic that is disabled when these pins are configured as address bits a2 and a1 respectively.
If the chip-select configuration rules are not followed, the processor may hang with the appearance of
waiting for a ready signal even in a system in which ready (ardy or srdy) is always set to 1.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com