Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA188EM-PTQ100I-R Datasheet(PDF) 19 Page - InnovASIC, Inc

Part # IA188EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PTQ100I-R Datasheet(HTML) 19 Page - InnovASIC, Inc

Back Button IA188EM-PTQ100I-R Datasheet HTML 15Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 16Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 17Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 18Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 19Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 20Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 21Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 22Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 23Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
PCS Address Ranges
Range
PCSn Line
Low
High
PCS0n
Base Address
Base Address + 255
PCS1n
Base Address + 256
Base Address + 511
PCS2n
Base Address + 512
Base Address + 767
PCS3n
Base Address + 768
Base Address + 1023
Reserved
N/A
N/A
PCS5n
Base Address + 1280
Base Address
PCS6n
Base Address + 1536
Base Address
Reserved [6:4] (bits 6-4) – Set to 1.
R [3] (bit 3) – Wait State Value. See the following table.
R [2] (bit 2) – Ready Mode. When 0, external ready is required. When 1, external ready is ignored.
But in each case the number of wait states is determined as in the following table.
R [1:0] (bits 1 – 0) – Wait-State Value. See following table. It should be noted that pcs6_n – pcs5_n
and pcs3_n – pcs0_n pins are multiplexed with the programmable I/O pins. And for them to function
as chip selects, the PIO mode and direction settings for these pins must be set to 0 for normal
operation.
PCS3n – PCS0n Wait–State Encoding
R3
R1
R0
Wait States
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
5
1
0
1
7
1
1
0
9
1
1
1
15
LMCS (0a2h) - Low Memory Chip Select Register configures the Low Memory Chip Select that has
been provided to facilitate access to the interrupt vector table located at 00000h or the bottom of memory.
The lcs_n pin is not active at reset.
The width of the data bus for the lcs_n space should be configured in the AUXCON register before
activating the lcs_n chip select pin, by any write access to the LMCS register.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com