Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA188EM-PTQ100I-R Datasheet(PDF) 78 Page - InnovASIC, Inc

Part # IA188EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PTQ100I-R Datasheet(HTML) 78 Page - InnovASIC, Inc

Back Button IA188EM-PTQ100I-R Datasheet HTML 74Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 75Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 76Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 77Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 78Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 79Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 80Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 81Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 82Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Instruction
Opcode - Hex
Clock Cycles
Flags Affected
Instruction
Opcode - Hex
Clock Cycles
Flags Affected
Mnemonic
Description
byte
1
byte
2
byte
3-6
IA186
IA188
O D I
T S Z A P C
LODSB
Load byte DS: [SI] in AL
AC
12
12
LODSW
Load word DS: [SI] in AX
AD
12
16
LOOP
Decrement count ; jump short if
CX
$ 0
E2
-
-
LOOPE
Decrement count ; jump short if
CX
$ 0 and Z = 1
LOOPZ
Decrement count ; jump short if
CX
$ 0 and Z = 1
E1
cb
-
16, 6
16, 6
-
-
-
-
-
-
-
-
-
LOOPNE
Decrement count ; jump short if
CX
$ 0 and Z = 0
LOOPNZ
Decrement count ; jump short if
CX
$ 0 and Z = 0
E0
cb
-
16, 6
16, 6
-
-
-
-
-
-
-
-
-
Copy reg to r/m8
88
/r
-
2/12
2/12
Copy reg to r/m16
89
/r
-
2/12
2/16
Copy r/m8 to reg
8A
/r
-
2/9
2/9
Copy r/m16 to reg
8B
/r
-
2/9
2/13
Copy segment reg to r/m16
8C
/sr
-
2/11
2/15
Copy r/m16 to segment reg
8E
/sr
-
2/9
2/13
Copy byte at segment offset to AL
A0
-
-
8
8
Copy word at segment offset to AX
A1
-
-
8
12
Copy AL to byte at segment offset
A2
-
-
9
9
Copy AX to word at segment offset
A3
-
-
9
13
Copy imm8 to reg
B0
+rb
-
-
3
3
Copy imm16 to reg
B8
+rw
3
4
Copy imm8 to r/m8
C6
/0
-
12
12
MOV
Copy imm16 to r/m16
C7
/0
-
12
13
-
-
-
-
-
-
-
-
-
Copy byte segment [SI] to ES:[DI]
A4
-
-
14
14
MOVS
Copy word segment [SI] to ES:[DI]
A5
-
-
14
18
MOVSB
Copy byte DS:[SI] to ES:[DI]
A4
-
-
14
14
MOVSW
Copy word DS:[SI] to ES:[DI]
A5
-
-
14
18
-
-
-
-
-
-
-
-
-
AX = (r/m8) * AL
F6
/4
26-28
/
32-34
26-28
/
32-34
MUL
DX :: AX = (r/m16) * AX
F7
/4
-
35-37
/
41-43
35-37
/
45-47
R -
-
-
-
-
-
-
R
Perform 2's complement negation
of r/m8
F6
/3
-
3/10
3/10
NEG
Perform 2's complement negation
of r/m16
F7
/3
-
3/10
3/14
R -
-
-
R R R R R
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com