Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NITROGEND2 Datasheet(PDF) 11 Page - C-Media Electronics

Part # NITROGEND2
Description  16-Bit Stereo USB Audio Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

NITROGEND2 Datasheet(HTML) 11 Page - C-Media Electronics

Back Button NITROGEND2 Datasheet HTML 7Page - C-Media Electronics NITROGEND2 Datasheet HTML 8Page - C-Media Electronics NITROGEND2 Datasheet HTML 9Page - C-Media Electronics NITROGEND2 Datasheet HTML 10Page - C-Media Electronics NITROGEND2 Datasheet HTML 11Page - C-Media Electronics NITROGEND2 Datasheet HTML 12Page - C-Media Electronics NITROGEND2 Datasheet HTML 13Page - C-Media Electronics NITROGEND2 Datasheet HTML 14Page - C-Media Electronics NITROGEND2 Datasheet HTML 15Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Nitrogen D2
USB Audio With Dolby Digital Live and DTS Interactive Solution
Date: 09/25/2005
Version: 1.02
- 11 -
42
GPIO
DIO, 8mA, ST,
SR, PD
GPIO Pin, Controlled via Vender Specific Command
43
VOL_UP
DI, ST, PU
Volume Up Pin (HID Standard)
44
VOL_DN
DI, ST, PU
Volume Down Pin (HID Standard)
45
DVSS
P
Digital Ground
46
NC
-
No Connect
47
XTAL_O
AO
Output Pin for 12MHz Oscillator
48
XTAL_I
AI
Input Pin for 12MHz Oscillator
*Note
U
:DI / DO / DIO – Digital Input / Output / Bi-Directional Pad
AI / AO / AIO – Analog Input / Output / Bi-Directional Pad
P – Power Pin
SR – Slew Rate Control
ST – Schmitt Trigger
PD / PU – Pull Down / Pull Up
5VT – 5 Volt Tolerant (3.3V Pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com