Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NITROGEND2 Datasheet(PDF) 23 Page - C-Media Electronics

Part # NITROGEND2
Description  16-Bit Stereo USB Audio Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

NITROGEND2 Datasheet(HTML) 23 Page - C-Media Electronics

Back Button NITROGEND2 Datasheet HTML 19Page - C-Media Electronics NITROGEND2 Datasheet HTML 20Page - C-Media Electronics NITROGEND2 Datasheet HTML 21Page - C-Media Electronics NITROGEND2 Datasheet HTML 22Page - C-Media Electronics NITROGEND2 Datasheet HTML 23Page - C-Media Electronics NITROGEND2 Datasheet HTML 24Page - C-Media Electronics NITROGEND2 Datasheet HTML 25Page - C-Media Electronics NITROGEND2 Datasheet HTML 26Page - C-Media Electronics NITROGEND2 Datasheet HTML 27Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Nitrogen D2
USB Audio With Dolby Digital Live and DTS Interactive Solution
Date: 09/25/2005
Version: 1.02
- 23 -
7. ELECTRICAL CHARACTERISTICS
7.1 ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
Dvmin
Min Digital Supply Voltage
– 0.3
V
Dvmax
Max Digital Supply Voltage
+ 6
V
Avmin
Min Analog Supply Voltage
– 0.3
V
Avmax
Max Analog Supply Voltage
+ 6
V
Dvinout
Voltage on any Digital Input or Output Pin
–0.3 to +5.5
V
Avinout
Voltage on any Analog Input or Output Pin
–0.3 to +5.5
V
T
B
stgB
Storage Temperature Range
-40 to +125
P
0
P
C
ESD (HBM)
ESD Human Body Mode
2000
V
ESD (MM)
ESD Machine Mode
200
V
Latchup
Latch Up Test
200
mA
7.2 OPERATION CONDITIONS
Min
Typ
Max
Unit
Analog Supply Voltage
4.5
5.0
5.5
V
Digital Supply Voltage
4.5
5.0
5.5
V
Total Power Consumption
-
-
500
mA
Suspend Mode Power Consumption
-
-
320
uA
Operating ambient temperature
0
-
70
P
o
P
C
7.3 SPERKER IMPEDANCE VS. OUTPUT POWER (PER CHANNEL)
Loading (Ohm)
Items
4 Ohm
8 Ohm
32 Ohm
10K Ohm
Vpp
3.14
3.4
3.635
3.722
Vrms
1.11
1.202
1.285
1.316
W(rms/sin wave)
308 mW
181 mW
52 mW
0.17 mW
W(rms/square wave)
616 mW
361 mW
103 mW
0.35 mW
W(PMPO)
2460 mW
1450 mW
410 mW
1 mW
*Note1: Test Condition @ 25
oC, 5 Volt +- 10%, 1KHz Sin Wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com