Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NITROGEND2 Datasheet(PDF) 24 Page - C-Media Electronics

Part # NITROGEND2
Description  16-Bit Stereo USB Audio Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

NITROGEND2 Datasheet(HTML) 24 Page - C-Media Electronics

Back Button NITROGEND2 Datasheet HTML 20Page - C-Media Electronics NITROGEND2 Datasheet HTML 21Page - C-Media Electronics NITROGEND2 Datasheet HTML 22Page - C-Media Electronics NITROGEND2 Datasheet HTML 23Page - C-Media Electronics NITROGEND2 Datasheet HTML 24Page - C-Media Electronics NITROGEND2 Datasheet HTML 25Page - C-Media Electronics NITROGEND2 Datasheet HTML 26Page - C-Media Electronics NITROGEND2 Datasheet HTML 27Page - C-Media Electronics NITROGEND2 Datasheet HTML 28Page - C-Media Electronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Nitrogen D2
USB Audio With Dolby Digital Live and DTS Interactive Solution
Date: 09/25/2005
Version: 1.02
- 24 -
*Note2: Typical Output with THD+N < 1%; Maximal Output with THD+N < 10%
7.4 AUDIO PERFORMANCE
Min
Typ
Max
Unit
Resolution
--
16
--
Bits
Frequency response @ 48KHz
20
--
20K
Hz
Frequency Response @ 44.1KHz
20
--
20K
Hz
Passband Ripple @ 48 KHz
40
--
9.6K
Hz
Passband Ripple @ 44.1 KHz
40
--
8.8K
Hz
DAC (10K Ohm Loading)
SNR
--
97.75
--
dB
Dynamic Range
--
96.27
--
dB
THD + N
--
-67.97
--
dB
Output Voltage (rms)
-
1.316
-
Vrms
DAC (32 Ohm Loading)
SNR
--
97.68
--
dB
Dynamic Range
--
95.99
--
dB
THD + N
--
-57.82
--
dB
Output Voltage (rms)
-
1.285
-
Vrms
DAC (8 Ohm Loading)
SNR
--
97.67
--
dB
Dynamic Range
--
96.03
--
dB
THD + N
--
-53.28
--
dB
Output Voltage (rms)
-
1.202
-
Vrms
DAC (4 Ohm Loading)
SNR
--
97.45
--
dB
Dynamic Range
--
95.89
--
dB
THD + N
--
-52.76
--
dB
Output Voltage (rms)
-
1.11
-
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com