Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NITROGEND2 Datasheet(PDF) 19 Page - C-Media Electronics

Part # NITROGEND2
Description  16-Bit Stereo USB Audio Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

NITROGEND2 Datasheet(HTML) 19 Page - C-Media Electronics

Back Button NITROGEND2 Datasheet HTML 15Page - C-Media Electronics NITROGEND2 Datasheet HTML 16Page - C-Media Electronics NITROGEND2 Datasheet HTML 17Page - C-Media Electronics NITROGEND2 Datasheet HTML 18Page - C-Media Electronics NITROGEND2 Datasheet HTML 19Page - C-Media Electronics NITROGEND2 Datasheet HTML 20Page - C-Media Electronics NITROGEND2 Datasheet HTML 21Page - C-Media Electronics NITROGEND2 Datasheet HTML 22Page - C-Media Electronics NITROGEND2 Datasheet HTML 23Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Nitrogen D2
USB Audio With Dolby Digital Live and DTS Interactive Solution
Date: 09/25/2005
Version: 1.02
- 19 -
6.4 DYNAMIC RANGE CONTROL (DRC)
Nitrogen D2 include a new feature called Dynamic Range Control (DRC), and with a
default ON setting (Users can still turn it off within the Windows audio advance control
panel)
Dynamic range is defined as the difference, in decibels (dB), between the loudest and
quietest sounds in any particular piece of audio content. Classical music is a good
example, with ranges from piano (soft) to forte to FFF (for extremely loud). Movies also
typically have a wide dynamic range, which may cause you to have to turn the volume
up and down as scenes change. For example, when watching a movie at home, you
may be forced to turn up volume to hear the dialog in a quiet scene, and then quickly
turn it down again during a car chase scene that follows. In this way, there may be
times in a home theater environment when it would be useful to be able to control the
dynamic range.
With Dynamic Range Control enabled, the full dynamic range (A) of the program
is reduced (B).
+10dB
0dB
-10dB
-20dB
-30dB
-40dB
-50dB
-60dB
+20dB
Lower Levels Raised
Peaks Reduced
A
B
DRC
Peaks Reduced
Lower Levels Raised
Peaks Clipped
Lower Levels
hard to heard
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com