Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 17Page - Texas Instruments DAC39RFS10 Datasheet HTML 18Page - Texas Instruments DAC39RFS10 Datasheet HTML 19Page - Texas Instruments DAC39RFS10 Datasheet HTML 20Page - Texas Instruments DAC39RFS10 Datasheet HTML 21Page - Texas Instruments DAC39RFS10 Datasheet HTML 22Page - Texas Instruments DAC39RFS10 Datasheet HTML 23Page - Texas Instruments DAC39RFS10 Datasheet HTML 24Page - Texas Instruments DAC39RFS10 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 213 page
background image
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 12 GHz, 8b/10b encoding, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, SE DEM and Dither
(DEM_ADJ = 1 below 750 MHz and DEM_ADJ = 0 above 750 MHz), 64b/66b encoding, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HD3
3nd order harmonic across 0 - FDAC/4,
IFS_SWITCH = 20.5 mA
fOUT = 97 MHz
–92
dBc
fOUT = 997 MHz
–67
dBc
fOUT = 1997 MHz
–63
dBc
fOUT = 2997 MHz
–85
dBc
fOUT = 3519 MHz
–70
dBc
fOUT = 3997 MHz
–84
dBc
3nd order harmonic across across
FDAC/4 - FDAC/2, IFS_SWITCH = 20.5 mA
fOUT = 5997 MHz
–78
dBc
fOUT = 6997 MHz
–74
dBc
fOUT = 7997 MHz
–75
dBc
fOUT = 8997 MHz
–70
dBc
fOUT = 10997 MHz
–56
dBc
3nd order harmonic across across 0 -
FDAC/4, IFS_SWITCH = 41 mA
fOUT = 97 MHz
–63
dBc
fOUT = 997 MHz
–52
dBc
fOUT = 1997 MHz
–43
dBc
fOUT = 2997 MHz
–78
dBc
fOUT = 3997 MHz
–82
dBc
3nd order harmonic across across
FDAC/4 - FDAC/2, IFS_SWITCH = 41 mA
fOUT = 5997 MHz
–78
dBc
fOUT = 6997 MHz
–69
dBc
fOUT = 7997 MHz
–67
dBc
fOUT = 8997 MHz
–73
dBc
fOUT = 10997 MHz
–43
dBc
SFDRNONHD2
3
non-HD2/3 SFDR in 0 - FDAC/4,
IFS_SWITCH = 20.5 mA
fOUT = 97 MHz
86
dBc
fOUT = 997 MHz
83
dBc
fOUT = 1997 MHz
85
dBc
fOUT = 2997 MHz
84
dBc
fOUT = 3997 MHz
81
dBc
non-HD2/3 SFDR in FDAC/4 - FDAC/2,
IFS_SWITCH = 20.5 mA
fOUT = 5997 MHz
81
dBc
fOUT = 6997 MHz
84
dBc
fOUT = 7997 MHz
83
dBc
fOUT = 8997 MHz
52
dBc
fOUT = 10997 MHz
70
dBc
non-HD2/3 SFDR in 0 - FDAC/4,
IFS_SWITCH = 41 mA
fOUT = 97 MHz
89
dBc
fOUT = 997 MHz
74
dBc
fOUT = 1997 MHz
83
dBc
fOUT = 2997 MHz
87
dBc
fOUT = 3997 MHz
80
dBc
non-HD2/3 SFDR in FDAC/4 - FDAC/2,
IFS_SWITCH = 41 mA
fOUT = 5997 MHz
77
dBc
fOUT = 6997 MHz
71
dBc
fOUT = 7997 MHz
70
dBc
fOUT = 8997 MHz
52
dBc
fOUT = 10997 MHz
60
dBc
www.ti.com
DAC39RF12, DAC39RFS12
SBASAS1A – NOVEMBER 2023 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DAC39RF12 DAC39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com