Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 85 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 85 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 81Page - Texas Instruments DAC39RFS10 Datasheet HTML 82Page - Texas Instruments DAC39RFS10 Datasheet HTML 83Page - Texas Instruments DAC39RFS10 Datasheet HTML 84Page - Texas Instruments DAC39RFS10 Datasheet HTML 85Page - Texas Instruments DAC39RFS10 Datasheet HTML 86Page - Texas Instruments DAC39RFS10 Datasheet HTML 87Page - Texas Instruments DAC39RFS10 Datasheet HTML 88Page - Texas Instruments DAC39RFS10 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 213 page
background image
7.3.6.1 Digital Upconverter (DUC)
Each DUC interpolates the I and Q signals by factors ranging from LT = 2, 3, 4, 6, 8, 12, 16, 24, 32, 48, 64,
96, 128, 192 and 256. The resulting up-converted baseband I/Q signal is then multiplied by a complex sinusoid
generated by the numerically controlled oscillator (NCO) to mix the signal to the desired carrier frequency for
output from the DAC. The interpolation factors supported vs the number of DUCs enabled is listed in Table 7-7.
Table 7-7. Supported Interpolation Factors vs Number of DUCs Enabled
Number of Streams (JESD_M)
Interpolation Factors Supported (LT)
DUCs Enabled
2
2-256x
DUC0
4
4-256x
DUC0, DUC1
6
8-256x
DUC0, DUC1, DUC2
8
8-256x
DUC0, DUC1, DUC2, DUC3
The NCOs and mixer can be bypassed, essentially setting the frequency and phase to 0, in which case the I
input passes to the I output and the Q input passes to the Q output.
7.3.6.1.1 Interpolation Filters
The first operation of the DUC is to interpolate the input signal to a higher data rate. The available interpolation
options are summarized in Table 7-8. The sampling rate of the input signal is multiplied by the specified
interpolation amount to determine the DAC output rate, subject to the maximum sample rate for the DAC39RF12
and 'RFS12. These rates do not include the optional 2x interpolation for DES mode. For interpolations rates 6x
and below, a reduced number of DUC channels are available.
Table 7-8. Summary of Interpolation Options
INTERPOLATION
Maximum Number of DUC channels
2x
1
3x
1
4x
2
6x
2
8x
4
12x
4
16x
4
24x
4
32x
4
48x
4
64x
4
96x
4
128x
4
192x
4
256x
4
Each DUC contains multiple 2x or 3x interpolating filters. The filter coefficients for each filter are listed in Table
7-9 and the filters used for each interpolation factor are shown in Table 7-10. The interpolation filter composite
responses are given in Figure 7-14 to Figure 7-42. The filters are designed to provide a passband bandwidth of
80% on the input bandwidth and passband ripple less than 0.01 dB. The stopband attenuation is greater than 90
dB for any signal within the passband.
Table 7-9. Interpolation Filter Coefficients
Filter
Coefficients (Center Tap in Bold)
fir1
[6 0 -19 0 47 0 -100 0 192 0 -342 0 572 0 -914 0 1409 0 -2119 0 3152 0 -4729 0 7420 0 -13334 0 41527 65536 41527 0
-13334 0 7420 0 -4729 0 3152 0 -2119 0 1409 0 -914 0 572 0 -342 0 192 0 -100 0 47 0 -19 0 6 ]*2-16
www.ti.com
DAC39RF12, DAC39RFS12
SBASAS1A – NOVEMBER 2023 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: DAC39RF12 DAC39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com