Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 9Page - Texas Instruments DAC39RFS10 Datasheet HTML 10Page - Texas Instruments DAC39RFS10 Datasheet HTML 11Page - Texas Instruments DAC39RFS10 Datasheet HTML 12Page - Texas Instruments DAC39RFS10 Datasheet HTML 13Page - Texas Instruments DAC39RFS10 Datasheet HTML 14Page - Texas Instruments DAC39RFS10 Datasheet HTML 15Page - Texas Instruments DAC39RFS10 Datasheet HTML 16Page - Texas Instruments DAC39RFS10 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 213 page
background image
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 12 GHz, 8b/10b encoding, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, SE DEM and Dither
(DEM_ADJ = 1 below 750 MHz and DEM_ADJ = 0 above 750 MHz), 64b/66b encoding, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
12 GSPS, DUAL or SINGLE CHANNEL MODE, JMODE 1, 2x Int, NRZ MODE
POUT
Output power into 100Ω
load, IFS_SWITCH = 20.5 mA(3)
fOUT = 97 MHz
1.0
dBm
fOUT = 997 MHz
0.5
dBm
fOUT = 1997 MHz
–0.4
dBm
fOUT = 2997 MHz
–0.7
dBm
fOUT = 3997 MHz
–2.4
dBm
fOUT = 4997 MHz
–4.2
dBm
Output power into 100Ω
load, IFS_SWITCH = 41 mA(3)
fOUT = 97 MHz
7.0
dBm
fOUT = 997 MHz
6.4
dBm
fOUT = 1997 MHz
6
dBm
fOUT = 2997 MHz
5.5
dBm
fOUT = 3997 MHz
3.4
dBm
fOUT = 4997 MHz
1.6
dBm
SFDR
Spurious free dynamic range (SFDR)
across 0 - FDAC/2, IFS_SWITCH = 20.5
mA
fOUT = 97 MHz
80
dBc
fOUT = 997 MHz
67
dBc
fOUT = 1997 MHz
66
dBc
fOUT = 2997 MHz
62
dBc
fOUT = 3997 MHz
63
dBc
fOUT = 4997 MHz
53
dBc
Spurious free dynamic range (SFDR)
across 0 - FDAC/2, IFS_SWITCH = 41 mA
fOUT = 97 MHz
76
dBc
fOUT = 997 MHz
54
dBc
fOUT = 1997 MHz
50
dBc
fOUT = 2997 MHz
50
dBc
fOUT = 3997 MHz
53
dBc
fOUT = 4997 MHz
50
dBc
HD2
Second harmonic (HD2), 0 - FDAC/
2, IFS_SWITCH = 20.5 mA
fOUT = 97 MHz
–83
dBc
fOUT = 997 MHz
–75
dBc
fOUT = 1997 MHz
–70
dBc
fOUT = 2997 MHz
–67
dBc
fOUT = 3997 MHz
–60
dBc
fOUT = 4997 MHz
–54
dBc
Second harmonic (HD2), 0 - FDAC/
2, IFS_SWITCH = 41 mA
fOUT = 97 MHz
–75
dBc
fOUT = 997 MHz
–66
dBc
fOUT = 1997 MHz
–62
dBc
fOUT = 2997 MHz
–61
dBc
fOUT = 3997 MHz
–57
dBc
fOUT = 4997 MHz
–51
dBc
www.ti.com
DAC39RF12, DAC39RFS12
SBASAS1A – NOVEMBER 2023 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DAC39RF12 DAC39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com