Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 39 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 35Page - Texas Instruments DAC39RFS10 Datasheet HTML 36Page - Texas Instruments DAC39RFS10 Datasheet HTML 37Page - Texas Instruments DAC39RFS10 Datasheet HTML 38Page - Texas Instruments DAC39RFS10 Datasheet HTML 39Page - Texas Instruments DAC39RFS10 Datasheet HTML 40Page - Texas Instruments DAC39RFS10 Datasheet HTML 41Page - Texas Instruments DAC39RFS10 Datasheet HTML 42Page - Texas Instruments DAC39RFS10 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 213 page
background image
6.12 Typical Characteristics: Single Tone Spectra (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 12 GHz, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, Dither and DEM enabled, unless otherwise
noted.
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
-120
-100
-80
-60
-40
-20
0
NRZ Mode
DES2XL Mode
includes PCB, cable and balun loss
Figure 6-25. fOUT = 2097 MHz, 0 dBFS
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
-120
-100
-80
-60
-40
-20
0
NRZ Mode
DES2XL Mode
includes PCB, cable and balun loss
Figure 6-26. fOUT = 2097 MHz, -6 dBFS
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
-120
-100
-80
-60
-40
-20
0
NRZ Mode
DES2XL Mode
includes PCB, cable and balun loss
Figure 6-27. fOUT = 2097 MHz, -12 dBFS
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
-120
-100
-80
-60
-40
-20
0
NRZ Mode
DES2XL Mode
includes PCB, cable and balun loss
Figure 6-28. fOUT = 3497 MHz, 0 dBFS
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
-120
-100
-80
-60
-40
-20
0
NRZ Mode
DES2XL Mode
includes PCB, cable and balun loss
Figure 6-29. fOUT = 3497 MHz, -6 dBFS
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
-120
-100
-80
-60
-40
-20
0
RF Mode
DES2XH Mode
includes PCB, cable and balun loss
Figure 6-30. fOUT = 3497 MHz, -12 dBFS
www.ti.com
DAC39RF12, DAC39RFS12
SBASAS1A – NOVEMBER 2023 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DAC39RF12 DAC39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com