Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540CPX667LB Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX667LB Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX667LB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
53
PCI/PCI-X
Table 44 provides the PCI-X AC timing specifications at 133 MHz.
PCI-X initialization pattern to HRESET setup time
tPCIVRH
10
—
clocks
11
HRESET to PCI-X initialization pattern hold time
tPCRHIX
050
ns
6, 11
Notes:
1.See the timing measurement conditions in the PCI-X 1.0a Specification.
2.Minimum times are measured at the package pin (not the test point). Maximum times are measured with the test point and
load circuit.
3.Setup time for point-to-point signals applies to REQ and GNT only. All other signals are bused.
4.For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
5.Setup time applies only when the device is not driving the pin. Devices cannot drive and receive signals at the same time.
6.Maximum value is also limited by delay to the first transaction (time for HRESET high to first configuration access, tPCRHFV).
The PCI-X initialization pattern control signals after the rising edge of HRESET must be negated no later than two clocks
before the first FRAME and must be floated no later than one clock before FRAME is asserted.
7.A PCI-X device is permitted to have the minimum values shown for tPCKHOV and tCYC only in PCI-X mode. In conventional
mode, the device must meet the requirements specified in PCI 2.2 for the appropriate clock frequency.
8.Device must meet this specification independent of how many outputs switch simultaneously.
9.The timing parameter tPCRHFV is a minimum of 10 clocks rather than the minimum of 5 clocks in the PCI-X 1.0a Specification.
10.Guaranteed by characterization.
11.Guaranteed by design.
Table 44. PCI-X AC Timing Specifications at 133 MHz
Parameter
Symbol
Min
Max
Unit
Notes
SYSCLK to signal valid delay
tPCKHOV
—
3.8
ns
1, 2, 3,
7, 8
Output hold from SYSCLK
tPCKHOX
0.7
—
ns
1, 11
SYSCLK to output high impedance
tPCKHOZ
—
7
ns
1, 4, 8,
12
Input setup time to SYSCLK
tPCIVKH
1.4
—
ns
3, 5, 9,
11
Input hold time from SYSCLK
tPCIXKH
0.5
—
ns
11
REQ64 to HRESET setup time
tPCRVRH
10
—
clocks
12
HRESET to REQ64 hold time
tPCRHRX
050
ns
12
HRESET high to first FRAME assertion
tPCRHFV
10
—
clocks
10, 12
PCI-X initialization pattern to HRESET setup time
tPCIVRH
10
—
clocks
12
Table 43. PCI-X AC Timing Specifications at 66 MHz (continued)
Parameter
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com