Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540CPX667LB Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX667LB Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX667LB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
66
Freescale Semiconductor
Package and Pin Listings
14 Package and Pin Listings
This section details package parameters, pin assignments, and dimensions.
14.1 Package Parameters for the MPC8540 FC-PBGA
The package parameters are as provided in the following list. The package type is 29 mm
× 29 mm, 783
flip chip plastic ball grid array (FC-PBGA).
Die size
12.2 mm
× 9.5 mm
Package outline
29 mm
× 29 mm
Interconnects
783
Pitch
1 mm
Minimum module height
3.07 mm
Maximum module height
3.75 mm
Solder Balls
62 Sn/36 Pb/2 Ag
Ball diameter (typical)
0.5 mm
14.2 Mechanical Dimensions of the MPC8540 FC-PBGA
Figure 43 the mechanical dimensions and bottom surface nomenclature of the MPC8540, 783 FC-PBGA
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com