Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540CPX667LB Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX667LB Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX667LB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
56
Freescale Semiconductor
RapidIO
Figure 34 shows the DC driver signal levels.
Figure 34. DC Driver Signal Levels
13.2 RapidIO AC Electrical Specifications
This section contains the AC electrical specifications for a RapidIO 8/16 LP-LVDS device. The interface
defined is a parallel differential low-power high-speed signal interface. Note that the source of the transmit
clock on the RapidIO interface is dependent on the settings of the LGPL[0:1] signals at reset. Note that the
default setting makes the core complex bus (CCB) clock the source of the transmit clock. See Chapter 4
of the Reference Manual for more details on reset configuration settings.
13.3 RapidIO Concepts and Definitions
This section specifies signals using differential voltages. Figure 35 shows how the signals are defined. The
figure shows waveforms for either a transmitter output (TD and TD) or a receiver input (RD and RD). Each
signal swings between A volts and B volts where A > B. Using these waveforms, the definitions are as
follows:
•
The transmitter output and receiver input signals TD, TD, RD, and RD each have a peak-to-peak
swing of A-B volts.
•
The differential output signal of the transmitter, VOD, is defined as VTD – VTD.
•
The differential input signal of the receiver, VID, is defined as VRD – VRD.
•
The differential output signal of the transmitter or input signal of the receiver, ranges from
A – B volts to – (A – B) volts.
•
The peak differential signal of the transmitter output or receiver input, is A – B volts.
VOA
VOB
RTERM
100
Ω
(no m)
VVOD = VOA – VOB
ΔV
OS
VOHCM
VOLCM
VOSCM = (VOA + VOB)/2
–V +
ΔV
OD
V
VOD = VOA – VOB
–V –
ΔV
OD
–V
0
1.375 V
1.125 V
454 mV
247 mV
–247 mV
–454 mV
VOLD
Common-Mode Specifications
(c)
Differential Specifications
(b)
(a)
Note: VOA refers to voltage at output A; VOB refers to voltage at output B.
VOHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com