Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540CPX667LB Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX667LB Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX667LB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
99
Document Revision History
2.0
Section 1.1—Updated features list to coincide with latest version of the reference manual
Table 1 and Table 2—Addition of SYSCLK to OVIN
Table 2—Addition of notes 1 and 2
Table 3—Addition of note 1
Table 5—New
Section 4—New
Table 13—Addition of IVREF
Removed Figure 4 DDR SRAM Input TIming Diagram
Table 15—Modified maximum values for tDISKEW
Table 16—Added MSYNC_OUT to tMCKSKEW2
Figure 4—New
Section 6.2.1—Removed Figure 4, “DDR SDRAM Input Timing Diagram”
Section 8.1—Removed references to 2.5 V from first paragraph
Figure 7—New
Table 21 and Table 22—Modified “conditions” for IIH and I IL
Table 23—Addition of min and max for GTX_CLK125 reference clock duty cycle
Table 27 —Addition of min and max for GTX_CLK125 reference clock duty cycle
Table 29—Addition of min and max for GTX_CLK125 reference clock duty cycle
Table 30—VOH min and conditions; IIH and I IL conditions
Table 31—Min and max for tMTXR and tMTXF
Table 32—Min and max for tMRXR and tMRXF
Figure 22 and Figure 23—Changed LSYNC_IN to Internal clock at top of each figure
Figure 17—New
Figure 17—New
Table 36—Removed row for tLBKHOX3
Table 43—New (AC timing of PCI-X at 66 MHz)
Table 53—Addition of note 19
Figure 54—Addition of jumper and note at top of diagram
Table 55: Changed max bus freq for 667 core to 166
Section 16.2.1—Modified first paragraph
Figure 45—Modified
Figure 46—New
Table 59—Modified thermal resistance data
Section 16.2.4.2—Modified first and second paragraphs
Table 61. Document Revision History (continued)
Rev. No.
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com