Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT94L33IB Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT94L33IB
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
PDF  810 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 17Page - Exar Corporation XRT94L33IB Datasheet HTML 18Page - Exar Corporation XRT94L33IB Datasheet HTML 19Page - Exar Corporation XRT94L33IB Datasheet HTML 20Page - Exar Corporation XRT94L33IB Datasheet HTML 21Page - Exar Corporation XRT94L33IB Datasheet HTML 22Page - Exar Corporation XRT94L33IB Datasheet HTML 23Page - Exar Corporation XRT94L33IB Datasheet HTML 24Page - Exar Corporation XRT94L33IB Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 810 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
A N
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
A P
P
P P
P
P E
E
E R
R
R –
–– S
S
S D
D
D H
H
H R
R
R E
E
E G
G
G IIIS
S
S T
T
T E
E
E R
R
R S
S
S
21
0xN34C
TxDS3 Pattern Register
0x0C
0xN34D
Receive DS3/E3 AIS/PDI-P Alarm Enable Register
0x00
0xN34E
PMON Excessive Zero Count Register - MSB
0x00
0xN34F
PMON Excessive Zero Count Register- LSB
0x00
0xN350
PMON LCV Event Count Register - MSB
0x00
0xN351
PMON LCV Event Count Register - LSB
0x00
0xN352
PMON Framing Bit/Byte Error Count Register - MSB
0x00
0xN353
PMON Framing Bit/Byte Error Count Register - LSB
0x00
0xN354
PMON Parity Error Event Count Register - MSB
0x00
0xN355
PMON Parity Error Event Count Register - LSB
0x00
0xN356
PMON FEBE Event Count Register- MSB
0x00
0xN357
PMON FEBE Event Count Register – LSB
0x00
0xN358
PMON CP-Bit Error Count Register - MSB
0x00
0xN359
PMON CP-Bit Error Count Register - LSB
0x00
0xN35A – 0xN367
Reserved
0x00
0xN368
PMON PRBS Bit Error Count Register - MSB
0x00
0xN369
PMON PRBS Bit Error Count Register - LSB
0x00
0xN36A – 0xN36B
Reserved
0x00
0xN36C
PMON Holding Register
0x00
0xN36D
One Second Error Status Register
0x00
0xN36E
One Second – LCV Count Accumulator Register - MSB
0x00
0xN36F
One Second – LCV Count Accumulator Register - LSB
0x00
0xN370
One Second – Parity Error Accumulator Register - MSB
0x00
0xN371
One Second – Parity Error Accumulator Register - LSB
0x00
0xN372
One Second – CP Bit Error Accumulator Register - MSB
0x00
0xN373
One Second – CP Bit Error Accumulator Register - LSB
0x00
0xN374 – 0xN37F
Reserved
0x00
0xN380
Line Interface Drive Register
0x00
0xN381
Reserved
0x00
0xN382
Reserved
0x00
0xN383
Transmit LAPD Byte Count Register
0x00
0xN384
Receive LAPD Byte Count Register
0x00
0xN385 – 0xN3AF
Reserved
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com