Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT94L33IB Datasheet(PDF) 91 Page - Exar Corporation

Part # XRT94L33IB
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
PDF  810 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB Datasheet(HTML) 91 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 87Page - Exar Corporation XRT94L33IB Datasheet HTML 88Page - Exar Corporation XRT94L33IB Datasheet HTML 89Page - Exar Corporation XRT94L33IB Datasheet HTML 90Page - Exar Corporation XRT94L33IB Datasheet HTML 91Page - Exar Corporation XRT94L33IB Datasheet HTML 92Page - Exar Corporation XRT94L33IB Datasheet HTML 93Page - Exar Corporation XRT94L33IB Datasheet HTML 94Page - Exar Corporation XRT94L33IB Datasheet HTML 95Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 810 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
A N
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
A P
P
P P
P
P E
E
E R
R
R –
–– S
S
S D
D
D H
H
H R
R
R E
E
E G
G
G IIIS
S
S T
T
T E
E
E R
R
R S
S
S
91
Table 36: Operation Output Control Register – Byte 0 (Address Location= 0x0153)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
Stuff Indicator Channel
Select[1:0]
Unused
8kHz Source Channel
Select[1:0]
R/O
R/O
R/W
R/W
R/O
R/O
R/W
R/W
0
0
0
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 – 6
Unused
R/O
5 – 4
Stuff Indicator
Channel Select[1:0]
R/W
Stuff Indicator – Channel Select[1:0]:
These two (2) READ/WRITE bit-fields permit the user to identify which
of the 3 channels should have their “bit-stuff opportunity” status
reflected on the LOF output pin.
Setting these bit-fields to [0, 0] configures the LOF output pin to reflect
the bit-stuff opportunity status of Channel 0. Likewise, setting these bit-
fields to [1, 0] configures the LOF output pin to reflect the bit-stuff
opportunity status of Channel 2.
Note:
These bit-fields are ignored if any of the following are true.
1. If the corresponding channel has been configured to operate in the
STM-0 Mode.
2. If the LOF output pin has been configured to function as the LOF or
MS-AIS indicator output.
3. If the LOF output pin has been configured to function as an 8kHz
output pin.
3 – 2
Unused
R/O
1 – 0
8kHz Source Channel
Select[1:0]
R/W
8kHz Source Channel Select[1:0]:
If the LOF output pin has been configured to output an 8kHz clock
output signal, then the XRT94L33 will derive this 8kHz clock signal,
from the Ingress DS3/E3 or Receive STM-0 signal of the “Selected”
channel.
These two(2) READ/WRITE bit-fields permit the user to specify the
“Selected” channel.
Setting these bit-fields to [0, 0] configures the LOF output pin to output
an 8kHz clock signal, that is derived from the Ingress DS3/E3 or
Receive STM-0 input signal of Channel 0. Likewise, setting these bit-
fields to [1, 0] configures the LOF output pin to reflect the bit-stuff
opportunity status of Channel 2.
Note:
These bit-fields are ignored if any of the following are true.
1. If the LOF output pin has been configured to function as the LOF or
MS-AIS indicator output.
2. If the LOF output pin has been configured to function as the “Stuff
Indicator” output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com