Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT94L33IB Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT94L33IB
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
PDF  810 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 23Page - Exar Corporation XRT94L33IB Datasheet HTML 24Page - Exar Corporation XRT94L33IB Datasheet HTML 25Page - Exar Corporation XRT94L33IB Datasheet HTML 26Page - Exar Corporation XRT94L33IB Datasheet HTML 27Page - Exar Corporation XRT94L33IB Datasheet HTML 28Page - Exar Corporation XRT94L33IB Datasheet HTML 29Page - Exar Corporation XRT94L33IB Datasheet HTML 30Page - Exar Corporation XRT94L33IB Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 810 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
A N
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
A P
P
P P
P
P E
E
E R
R
R –
–– S
S
S D
D
D H
H
H R
R
R E
E
E G
G
G IIIS
S
S T
T
T E
E
E R
R
R S
S
S
27
0xN163
Receive STM-0 Section – Auto AIS Control Register
0x00
0xN164 – 0xN16A
Reserved
0x00
0xN16B
Receive STM-0 Section – Auto AIS (in Downstream STM-0s) Control Register
0x00
0xN16C – 0xN182
Reserved
0x00
0xN183
Receive STM-0 Path – Control Register – Byte 2
0x00
0xN184 - 0xN185
Reserved
0x00
0xN186
Receive STM-0 Path – Control Register – Byte 1
0xN187
Receive STM-0 Path – Status Register – Byte 0
0x00
0xN188
Reserved
0x00
0xN189
Receive STM-0 Path – Interrupt Status Register – Byte 2
0x00
0xN18A
Receive STM-0 Path – Interrupt Status Register – Byte 1
0x00
0xN18B
Receive STM-0 Path – Interrupt Status Register – Byte 0
0x00
0xN18C
Reserved
0x00
0xN18D
Receive STM-0 Path – Interrupt Enable Register – Byte 2
0x00
0xN18E
Receive STM-0 Path – Interrupt Enable Register – Byte 1
0x00
0xN18F
Receive STM-0 Path – Interrupt Enable Register – Byte 0
0x00
0xN190 – 0xN192
Reserved
0x00
0xN193
Receive STM-0 Path – SONET Receive HP-RDI Register
0x00
0xN194, 0xN195
Reserved
0x00
0xN196
Receive STM-0 Path – Received Path Label Value (C2 Byte) Register
0x00
0xN197
Receive STM-0 Path – Expected Path Label Value (C2 Byte) Register
0x00
0xN198
Receive STM-0 Path – B3 Byte Error Count Register – Byte 3
0x00
0xN199
Receive STM-0 Path – B3 Byte Error Count Register – Byte 2
0x00
0xN19A
Receive STM-0 Path – B3 Byte Error Count Register – Byte 1
0x00
0xN19B
Receive STM-0 Path – B3 Byte Error Count Register – Byte 0
0x00
0xN19C
Receive STM-0 Path – REI-P Event Count Register – Byte 3
0x00
0xN19D
Receive STM-0 Path – REI-P Event Count Register – Byte 2
0x00
0xN19E
Receive STM-0 Path – REI-P Event Count Register – Byte 1
0x00
0xN19F
Receive STM-0 Path – REI-P Event Count Register – Byte 0
0x00
0xN1A0 – 0xN1A5
Reserved
0x00
0xN1A6
Receive STM-0 Path – Pointer Value Register – Byte 1
0x00
0xN1A7
Receive STM-0 Path – Pointer Value Register – Byte 0
0x00
0xN1A8 – 0xN1BA
Reserved
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com