Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT94L33IB Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT94L33IB
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
PDF  810 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 25Page - Exar Corporation XRT94L33IB Datasheet HTML 26Page - Exar Corporation XRT94L33IB Datasheet HTML 27Page - Exar Corporation XRT94L33IB Datasheet HTML 28Page - Exar Corporation XRT94L33IB Datasheet HTML 29Page - Exar Corporation XRT94L33IB Datasheet HTML 30Page - Exar Corporation XRT94L33IB Datasheet HTML 31Page - Exar Corporation XRT94L33IB Datasheet HTML 32Page - Exar Corporation XRT94L33IB Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 810 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
A N
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
A P
P
P P
P
P E
E
E R
R
R –
–– S
S
S D
D
D H
H
H R
R
R E
E
E G
G
G IIIS
S
S T
T
T E
E
E R
R
R S
S
S
29
0xN540 – 0xN5FF
Reserved
0x00
TRANSMIT STM-0 SOH AND POH PROCESSOR BLOCK REGISTERS
Note:
N represents the “Channel Numbers” and ranges in value from 0x05 to 0x07)
0xN800 – 0xN901
Reserved
0x00
0xN902
Transmit STM-0 Section – SONET Transmit Control Register – Byte 1
0x00
0xN903
Transmit STM-0 Section – SONET Transmit Control Register – Byte 0
0x00
0xN904 – 0xN922
Reserved
0x00
0xN923
Transmit STM-0 Section – B1 Byte Error Mask Register
0x00
0xN924 – 0xN92A
Reserved
0x00
0xN92B
Transmit STM-0 Section – Transmit B2 Bit Error Mask Register – Byte 0
0x00
0xN92C – 0xN92D
Reserved
0x00
0xN92E
Transmit STM-0 Section – K1K2 (APS) Byte Value Register – Byte 1
0x00
0xN92F
Transmit STM-0 Section – K1K2 (APS) Byte Value Register – Byte 0
0x00
0xN930 – 0xN932
Reserved
0x00
0xN933
Transmit STM-0 Section – MS-RDI Control Register
0x00
0xN934 – 0xN936
Reserved
0x00
0xN937
Transmit STM-0 Section – M0M1 Byte Value Register
0x00
0xN938 - 0xN93A
Reserved
0x00
0xN93B
Transmit STM-0 Section – S1 Byte Value Register
0x00
0xN93C – 0xN93E
Reserved
0x00
0xN93F
Transmit STM-0 Section – F1 Byte Value Register
0x00
0xN940 – 0xN942
Reserved
0x00
0xN943
Transmit STM-0 Section – E1 Byte Value Register
0x00
0xN944 – 0xN946
Reserved
0x00
0xN947
Transmit STM-0 Section – E2 Byte Value Register
0x00
0xN948 – 0xN94A
Reserved
0x00
0xN94B
Transmit STM-0 Section – J0 Byte Value Register
0x00
0xN94C – 0xN94E
Reserved
0x00
0xN94F
Transmit STM-0 Section – Section Trace Message Control Register
0x00
0xN950 – 0xN981
Reserved
0x00
0xN982
Transmit STM-0 Path – SONET Control Register – Byte 1
0x00
0xN983
Transmit STM-0 Path – SONET Control Register – Byte 0
0x00
0xN984 – 0xN992
Reserved
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com