Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24CSM01T-I/SN Datasheet(PDF) 22 Page - Microchip Technology

Part # 24CSM01T-I/SN
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01T-I/SN Datasheet(HTML) 22 Page - Microchip Technology

Back Button 24CSM01T-I/SN Datasheet HTML 18Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 19Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 20Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 21Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 22Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 23Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 24Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 25Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
24CSM01
DS20006781B
-page 22
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
8.0
HIGH-SPEED MODE
The 24CSM01 supports the I2C High-Speed (HS)
mode, allowing it to operate at clock frequencies up to
3.4 MHz for read and write operations.
To place the 24CSM01 into HS mode, the host must
first initiate a Start condition, followed by the reserved
HS mode host code of ‘00001xxxb’ (Table 8-1).
The HS mode host code must be sent to the device at
Fast mode plus (1 MHz) or slower clock frequencies.
Since the HS mode host code is meant to be
recognized by all client devices that support the HS
mode, the 24CSM01 will not acknowledge (NACK) the
HS mode host code.
Once the 24CSM01 receives the HS mode host code
and the NACK occurs, the 24CSM01 will relax its input
filters on SDA and SCL to the HS mode tolerance to
accept transfers, at up to 3.4 MHz. The device will then
enter HS mode and wait for a Repeated Start condition
before the next operation can occur.
Next, the host must issue a Start condition, followed by
a valid device address byte to which the device will
ACK. The host can continue with read or write
operations at the higher clock speed and the 24CSM01
will continue to operate in the HS mode until one of the
following events occurs:
• The host sends a Stop condition. Therefore, the
host should use a Repeated Start condition to
begin new HS mode operations rather than a
Stop-Start sequence.
• A Power-on-Reset (POR) event occurs.
Once the 24CSM01 exits the HS mode from one of
these events, the device will switch its input and output
filters back to the standard I2C (Legacy) mode.
Figure 8-1 illustrates the HS mode entry sequence.
FIGURE 8-1:
HIGH-SPEED MODE ENTRY SEQUENCE
TABLE 8-1:
HIGH-SPEED MODE HOST CODE
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
ACK Bit
00001xxx
NACK from Clients
Note:
The internal write cycle requires a Stop
condition to be sent after the last data
byte. This Stop condition will cause the
24CSM01 to exit HS mode. Therefore, if
more than one page of data is to be
written, HS mode must be re-entered for
every write operation.
Note:
High-Speed mode entry is ignored during
a write cycle. Therefore, polling must
occur while using Fast mode plus (1 MHz)
or slower clock frequencies. Refer to
Section 6.5 “Acknowledge Polling” for
additional information. High-Speed mode
can be re-entered after the write cycle has
completed.
SCL
1
345
678
2
SDA
MSb
9
Host Code
0
0
0
0
1xx
x
1
Repeated
Start by
Host
NACK
from
Client(s)
Start
by
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com