Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24CSM01T-I/SN Datasheet(PDF) 37 Page - Microchip Technology

Part # 24CSM01T-I/SN
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01T-I/SN Datasheet(HTML) 37 Page - Microchip Technology

Back Button 24CSM01T-I/SN Datasheet HTML 33Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 34Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 35Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 36Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 37Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 38Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 39Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 40Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 37
24CSM01
13.0 PACKAGING INFORMATION
13.1
Package Marking Information
4CSM01
34213F
8-Lead MSOP
Example
24CSM01
P13F
2342
Example
8-Lead PDIP
NNN
8-Lead 3.9 mm SOIC
NNN
Example
24CSM01
SN2342
13F
8-Lead 5.28 mm SOIJ
Example
24CSM01
SM
234213F
• X
NN
• A
13
8-Ball CSP
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com