Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24CSM01T-I/SN Datasheet(PDF) 6 Page - Microchip Technology

Part # 24CSM01T-I/SN
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01T-I/SN Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24CSM01T-I/SN Datasheet HTML 2Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 3Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 4Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 5Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 6Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 7Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 8Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 9Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
24CSM01
DS20006781B
-page 6
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
FIGURE 1-1:
BUS TIMING DATA
TABLE 1-3:
EEPROM CELL PERFORMANCE CHARACTERISTICS
Operation
Test Condition
Min.
Max.
Units
Write Endurance(1,2)
TA = 25°C, 1.7V
 VCC  5.5V
1,000,000
—
Write Cycles
Data Retention(1)
TA = 55°C
200
—
Years
Note 1: Performance is determined through characterization and the qualification process.
2: Due to the memory array architecture, the write cycle endurance is specified for write operations in groups
of four data bytes. The beginning of any 4-byte boundaries can be determined by multiplying any integer
(N) by four (i.e., 4*N). The end address can be found by adding three to the beginning value (i.e., 4*N+3).
See Section 6.3 “Internal Writing Methodology” for further details on this implementation.
(unprotected)
(protected)
SCL
SDA
In
SDA
Out
WP
5
7
6
15
3
2
89
13
D4
4
10
11
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com