Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24CSM01T-I/SN Datasheet(PDF) 25 Page - Microchip Technology

Part # 24CSM01T-I/SN
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01T-I/SN Datasheet(HTML) 25 Page - Microchip Technology

Back Button 24CSM01T-I/SN Datasheet HTML 21Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 22Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 23Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 24Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 25Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 26Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 27Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 28Page - Microchip Technology 24CSM01T-I/SN Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 25
24CSM01
Software Write Protection Memory Zone bits
(SWP[7:0]): These bits divide the memory array into
eight separate 128-Kbit (16,384-byte) zones. Each
zone can be set independently from the seven other
protection zones. The corresponding SWP bit should
be set to a logic ‘1’ to write-protect that zone. All of the
eight SWP bits are set to logic ‘0’ as a factory default.
For additional information on the Software Write
Protection scheme, refer to Section 6.6.2 “Enhanced
Software Write Protection Mode”.
REGISTER 9-2:
CONFIGURATION REGISTER – BYTE 1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
SWP7
SWP6
SWP5
SWP4
SWP3
SWP2
SWP1
SWP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
If EWPM = ‘1’:
bit 7
SWP7: Software Write Protection Memory Zone 7 bit
1 = Memory Zone 7 (1C000h - 1FFFFh) is write-protected
0 = Memory Zone 7 (1C000h - 1FFFFh) is not write-protected
bit 6
SWP6: Software Write Protection Memory Zone 6 bit
1 = Memory Zone 6 (18000 - 1BFFFh) is write-protected
0 = Memory Zone 6 (18000 - 1BFFFh) is not write-protected
bit 5
SWP5: Software Write Protection Memory Zone 5 bit
1 = Memory Zone 5 (14000h - 17FFFh) is write-protected
0 = Memory Zone 5 (14000h - 17FFFh) is not write-protected
bit 4
SWP4: Software Write Protection Memory Zone 4 bit
1 = Memory Zone 4 (10000h - 13FFFh) is write-protected
0 = Memory Zone 4 (10000h - 13FFFh) is not write-protected
bit 3
SWP3: Software Write Protection Memory Zone 3 bit
1 = Memory Zone 3 (0C000h - 0FFFFh) is write-protected
0 = Memory Zone 3 (0C000h - 0FFFFh) is not write-protected
bit 2
SWP2: Software Write Protection Memory Zone 2 bit
1 = Memory Zone 2 (08000h - 0BFFFh) is write-protected
0 = Memory Zone 2 (08000h - 0BFFFh) is not write-protected
bit 1
SWP1: Software Write Protection Memory Zone 1 bit
1 = Memory Zone 1 (04000h - 07FFFh) is write-protected
0 = Memory Zone 1 (04000h - 07FFFh) is not write-protected
bit 0
SWP0: Software Write Protection Memory Zone 0 bit
1 = Memory Zone 0 (00000h - 03FFFh) is write-protected
0 = Memory Zone 0 (00000h - 03FFFh) is not write-protected
If EWPM = ‘0’:
bit 7-0
Unused
Note:
In Legacy Hardware Write Protection
mode (EWPM = ‘0’, the SWP[7:0] bits are
ignored. However, a dummy value must
still be sent during the write sequence to
initiate the internal write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com