Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82812PVCAR Datasheet(PDF) 16 Page - Texas Instruments

Part # TPSM82812PVCAR
Description  TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82812PVCAR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPSM82812PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 13Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 14Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 15Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 16Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 17Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 18Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 19Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
9.2.2.2 Programming the Output Voltage
The output voltage of the TPSM8281x is adjustable. Choose resistors R1 and R2 to set the output voltage within
a range of 0.6V to 5.5V according to Equation 10. To keep the feedback (FB) net robust from noise, set R2
equal to or lower than 100kΩ to have at least 6µA of current in the voltage divider. Lower values of FB resistors
achieve better noise immunity, and lower light load efficiency, as explained in the Design Considerations for a
Resistive Feedback Divider in a DC/DC Converter analog design journal.
OUT
OUT
FB
V
V
R1
R2
1
R2
1
V
0.6V
§
·
§
·
u
u
¨
¸
¨
¸
©
¹
©
¹
(10)
9.2.2.3 Feedforward capacitor
A feedforward capacitor (CFF) is recommended in parallel with R1 in order to improve the transient response.
Regardless of the FB resistor values, the CFF value must always be 10pF.
9.2.2.4 Input Capacitor
For most applications, a 22µF nominal ceramic capacitor is recommended. The input capacitor buffers the input
voltage for transient events and also decouples the converter from the supply. A X7R or X7T multilayer ceramic
capacitor (MLCC) is recommended for best filtering and must be placed between VIN and GND as close as
possible to those pins. For applications with ambient temperatures below 85°C, a capacitor with X5R dielectric
can be used. Ceramic capacitors have a DC-Bias effect, which has a strong influence on the final effective
capacitance. Choose the right capacitor carefully in combination with considering the package size and voltage
rating. The minimum required input capacitance is 5µF.
9.2.2.5 Output Capacitor
The architecture of the TPSM8281x allows the use of ceramic output capacitors which have low equivalent
series resistance (ESR). These capacitors provide low output voltage ripple and are recommended. To keep
the low resistance up to high frequencies and to get a narrow capacitance variation with temperature, it is
recommended to use an X7R or X7T dielectric. At temperatures below 85°C, an X5R dielectric can be used.
Using a higher capacitance value has advantages like smaller voltage ripple and a tighter DC output accuracy in
power save mode. By changing the device compensation with a resistor from COMP/FSET to GND, the device
can be compensated in three steps based on the minimum capacitance used on the output. The maximum
capacitance is 470µF in any of the compensation settings. The minimum capacitance required on the output
depends on the compensation setting and output voltage as shown in Table 8-1. For output voltages below 1V,
the minimum required capacitance increases linearly from 32µF at 1V to 53µF at 0.6V with the compensation
setting for smallest output capacitance. Other compensation settings scale the same. Ceramic capacitors have
a DC-Bias effect, which has a strong influence on the final effective capacitance. Choose the right capacitor
carefully in combination with considering the package size and voltage rating.
TPSM82810, TPSM82813
SLUSDN6B – SEPTEMBER 2019 – REVISED JULY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com