Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82812PVCAR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPSM82812PVCAR
Description  TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82812PVCAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPSM82812PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 13Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 14Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
60
(
)
(
)
CF
S
MHz k
R
k
f MHz
× W
W =
(4)
For compensation (comp) setting 3:
180
(
)
(
)
CF
S
MHz k
R
k
f MHz
× W
W =
(5)
Table 8-1. Switching Frequency and Compensation
COMPENSATION
RCF
SWITCHING FREQUENCY
MINIMUM OUTPUT
CAPACITANCE
FOR VOUT < 1V
MINIMUM OUTPUT
CAPACITANCE FOR 1V ≤
VOUT < 3.3V
MINIMUM OUTPUT
CAPACITANCE
FOR VOUT ≥ 3.3V
for smallest output
capacitance
(comp setting 1)
10kΩ ... 4.5kΩ
1.8MHz (10kΩ) ... 4MHz (4.5kΩ)
according to Equation 3
53µF
32µF
27µF
for medium output
capacitance
(comp setting 2)
33kΩ ... 15kΩ
1.8MHz (33kΩ) ... 4MHz (15kΩ)
according to Equation 4
100µF
60µF
50µF
for large output
capacitance
(comp setting 3)
100kΩ ... 45kΩ
1.8MHz (100kΩ) ... 4MHz (45kΩ)
according to Equation 5
200µF
120µF
100µF
for smallest output
capacitance
(comp setting 1)
tied to GND
internally fixed 2.25MHz
53µF
32µF
27µF
for large output
capacitance
(comp setting 3)
tied to VIN
internally fixed 2.25MHz
200µF
120µF
100µF
Refer to Section 9.2.2.5 for further details on the output capacitance required depending on the output voltage.
All values are the effective value of capacitance.
A too high resistor value for RCF is read as "tied to VIN", and a value below the lowest range as "tied to
GND". The minimum output capacitance in Table 8-1 is for capacitors close to the output of the device. If the
capacitance is distributed, a lower compensation setting can be required.
8.3.4 MODE/SYNC
When MODE/SYNC is set low, the device operates in PWM or PFM mode, depending on the output current.
The MODE/SYNC pin forces PWM mode when set high. The pin also allows you to apply an external clock in
a frequency range from 1.8MHz to 4MHz for external synchronization. When an external clock is applied, the
device operates in PWM mode. As with the switching frequency selection, the specification for the minimum
on-time has to be observed when applying the external clock signal. When using external synchronization, it is
recommended to set the internal switching frequency as set by RCF to a similar value as the externally applied
clock. This ensures that, if the external clock fails, the switching frequency stays in the same range and the
settling time to the internal clock is reduced. When there is no resistor from COMP/FSET to GND, but the pin
is pulled high or low, external synchronization is not possible. An internal PLL allows you to change from an
internal clock to external clock during operation. The synchronization to the external clock is done on the falling
edge of the applied clock to the rising edge of the internal SW pin. The MODE/SYNC pin can be changed during
operation.
8.3.5 Spread Spectrum Clocking (SSC) - TPSM8281xS
These devices offer spread spectrum clocking, where the switching frequency is randomly changed in
PWM mode when the internal clock is used. The frequency variation is typically between the nominal
switching frequency and up to 288kHz above the nominal switching frequency. When the device is externally
synchronized, the TPSM8281xS follows the external clock and the internal spread spectrum block is turned off.
SSC is also disabled during soft start.
www.ti.com
TPSM82810, TPSM82813
SLUSDN6B – SEPTEMBER 2019 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com