Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82812PVCAR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPSM82812PVCAR
Description  TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82812PVCAR Datasheet(HTML) 5 Page - Texas Instruments

  TPSM82812PVCAR Datasheet HTML 1Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 2Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 3Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
6.5 Thermal Information
THERMAL METRIC(1)
TPSM8281x
UNIT
VCA (JEDEC 51-5)
13 PINS
RθJA
Junction-to-ambient thermal resistance
73.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
34.1
°C/W
RθJB
Junction-to-board thermal resistance
20.9
°C/W
ψJT
Junction-to-top characterization parameter
(-1.4)(2)
°C/W
ψJB
Junction-to-board characterization parameter
20.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report and Section 12.3 - Thermal Consideration.
(2)
Case top temperature can be higher than temperature of active circuit because of inductor power dissipation. This results in a
negative Junction-to-top characterization parameter.
6.6 Electrical Characteristics
Over operating junction temperature (TJ = -40 °C to +125 °C) and VIN = 2.75 V to 6 V. Typical values at VIN = 5 V and TJ = 25
°C. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ
Operating Quiescent Current
EN = high, IOUT= 0 mA, Device not
switching
15
21
µA
ISD
Shutdown Current
EN = 0 V
0.11
18
µA
VUVLO
Undervoltage Lockout Threshold
Rising Input Voltage
2.5
2.6
2.75
V
Falling Input Voltage
2.25
2.5
2.6
V
TSD
Thermal Shutdown Temperature
Rising Junction Temperature
170
°C
Thermal Shutdown Hysteresis
15
CONTROL (EN, SS/TR, PG, MODE/SYNC)
VIH
High Level Input Voltage for MODE/
SYNC Pin
1.1
V
VIL
Low Level Input Voltage for MODE/
SYNC Pin
0.3
V
fSYNC
Frequency Range on MODE/SYNC
Pin for Synchronization
1.8
4
MHz
Duty Cycle of Synchronization Signal
at MODE/SYNC Pin
40%
50%
60%
VIH
Input Threshold Voltage for EN pin
Rising EN
1.06
1.1
1.15
V
VIL
Input Threshold Voltage for EN pin
Falling EN
0.96
1.0
1.05
V
ILKG
Input Leakage Current for EN, MODE/
SYNC Pins
EN, MODE/SYNC = VIN or GND
150
nA
VTH_PG
UVP Power Good Threshold
Rising (%VFB)
92%
95%
98%
UVP Power Good Threshold
Falling (%VFB)
87%
90%
93%
OVP Power Good Threshold
Rising (%VFB)
107%
110%
113%
OVP Power Good Threshold
Falling (%VFB)
104%
107%
111%
Power Good De-glitch Time
for a high level to low level transition
on power good
40
µs
VOL_PG
Power Good Output Low Voltage
IPG = 2 mA
0.07
0.3
V
ILKG_PG
Input Leakage Current for PG Pin
VPG = 5 V
100
nA
ISS/TR
SS/TR Pin Source Current
2.1
2.5
2.8
µA
Tracking Gain
VFB / VSS/TR
1
Tracking Offset
FB pin with VSS/TR = 0 V
17
mV
POWER SWITCH
RDS(ON)
High-Side MOSFET ON-Resistance
VIN ≥ 5 V
37
60
mΩ
www.ti.com
TPSM82810, TPSM82813
SLUSDN6B – SEPTEMBER 2019 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com