Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 29 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4382IPFBT Datasheet(HTML) 29 Page - Burr-Brown (TI)

Back Button SRC4382IPFBT Datasheet HTML 25Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 26Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 27Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 28Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 29Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 30Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 31Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 32Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 33Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
www.ti.com
Preceding State:
0
1
Preamble:
Channel Coding:
Channel Coding:
Description:
X
111 00
0
10
000 11
1
01
Channel
Su
1
bframe
Y
111 01
0
00
000 10
1
11
Channel
Su
2
bframe
Z
111 10
0
00
000 01
1
11
Channel 1 Subframe and Block Start
Cl ck
o
(2x Source Bi
ate
t R
)
Source Data
Coding
(NR )
Z
AES3 Channel
Coding
(Biphase Mark)
Insert Preamble
Code Below
Preceding State, fr
of the previous Frame
om the Parity bit
.
Preamble Z (Block Start)
Preamble Coding
0
0
1
1
DIGITAL INTERFACE TRANSMITTER (DIT) OPERATION
SRC4382
SBFS030B – JANUARY 2006 – REVISED APRIL 2006
PRODUCT OVERVIEW (continued)
The binary non-return to zero (NRZ) formatted audio and status source data for bits 4 through 31 of each
subframe are encoded utilizing a Biphase Mark format for transmission. This format allows for clock recovery at
the receiver end, as well as making the interface insensitive to the polarity of the balanced cable connections.
The preambles at the start of each subframe are encoded to intentionally violate the Biphase Mark formatting,
making their detection by the receiver reliable, as well as avoiding the possibility of audio and status data
imitating the preambles. Figure 64 shows the Biphase Mark and preamble encoding.
Although the AES3 standard originally defined transmission for sampling rates up to 48kHz, the interface is
capable of handling higher sampling rates, given that attention is paid to cable length and impedance matching.
Equalization at the receiver may also be required, depending on the cable and matching factors. It is also
possible to transmit and decode more than two channels of audio data utilizing the AES3 or related consumer
interfaces. Special encoding and/or compression algorithms are utilized to support multiple channels, including
the Dolby
® AC-3, DTS, MPEG-1/2, and other data reduced audio formats.
Figure 64. Biphase Mark Encoding
The DIT encodes a given two-channel or data-reduced audio input stream into an AES3-encoded output stream.
In addition to the encoding function, the DIT includes differential line driver and CMOS buffered output functions.
The line driver is suitable for driving balanced or unbalanced line interfaces, while the CMOS buffered output is
designed to drive external logic or line drivers, as well as optical transmitter modules. Figure 65 illustrates the
functional block diagram for the DIT.
The input of the DIT receives the audio data for Channels 1 and 2 from one of four possible sources: Port A,
Port B, the DIR, or the SRC. By default, Port A is selected as the source. The DIT also requires a master clock
source, which may be provided by either the MCLK input (pin 25) or RXCKO (the DIR recovered master clock
output). A master clock divider is utilized to select the frame rate for the AES3-encoded output data. The
TXDIV[1:0] bits in control register 0x07 are utilized to select divide by 128, 256, 384, or 512 operation.
Channel status and user data for Channels 1 and 2 are input to the AES3 encoder via the corresponding
Transmitter Access (TA) data buffers. The TA data buffers are in turn loaded from the User Access (UA) buffers,
which are programmed via the SPI or I2C host interface, or loaded from the DIR Receiver Access (RA) data
buffers. The source of the channel status and user data is selected utilizing the TXCUS[1:0] bits in control
register 0x09. When the DIR is selected as the input source, the channel status and user data output from the
DIT is delayed by one block in relation to the audio data.
The validity (V) bit may be programmed using one of two sources. The VALSEL bit in control register 0x09 is
utilized to select the validity data source for the DIT block. The default source is the VALID bit in control register
0x07, which is written via the SPI or I2C host interface. The validity bit may also be transferred from the AES3
decoder output of the DIR, where the V bit for the DIT subframes tracks the decoded DIR value frame by frame.
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com