Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4382IPFBT Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button SRC4382IPFBT Datasheet HTML 4Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 5Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 6Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 7Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 8Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 9Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 10Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 11Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: Power Supplies
SRC4382
SBFS030B – JANUARY 2006 – REVISED APRIL 2006
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4382
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Recommended Supply Voltage Range
VDD18
+1.65
+1.8
+1.95
V
VDD33
+3.0
+3.3
+3.6
V
VIO
+1.65
+3.3
+3.6
V
VCC
+3.0
+3.3
+3.6
V
Supply Current: Initial Startup
All Blocks Powered Down by Default
IDD18S
VDD18 = +1.8V
90
µA
IDD33S
VDD33 = +3.3V
1
µA
IIOS
VIO = +3.3V
270
µA
ICCS
VCC = +3.3V
1
µA
Supply Current: Quiescent
All Blocks Powered Up with No Clocks Applied
IDD18Q
VDD18 = +1.8V
3.1
mA
IDD33Q
VDD33 = +3.3V
0.5
mA
IIOQ
VIO = +3.3V
0.27
mA
ICCQ
VCC = +3.3V
6.6
mA
Supply Current: Dynamic
All Blocks Powered Up, fS = 48kHz
IDD18D
VDD18 = +1.8V
23
mA
IDD33D
VDD33 = +3.3V
14
mA
IIOD(1)
VIO = +3.3V
43
mA
ICCD
VCC = +3.3V
8
mA
Supply Current: High Sampling Rate
All Blocks Powered Up, fS = 192kHz
IDD18H
VDD18 = +1.8V
58
mA
IDD33H
VDD33 = +3.3V
15
mA
IIOH(1)
VIO = +3.3V
44
mA
ICCH
VCC = +3.3V
8
mA
Total Power Dissipation: Initial Startup
All Blocks Powered Down by Default
1
mW
Total Power Dissipation: Quiescent
All Blocks Powered Up with No Clocks Applied
30
mW
Total Power Dissipation: Dynamic
All Blocks Powered Up, fS = 48kHz
256
mW
Total Power Dissipation: High Sampling Rate
All Blocks Powered Up, fS = 192kHz
326
mW
(1)
The typical VIO supply current is measured using the SRC4382EVM evaluation module with loading from the DAIMB mother-board
circuitry. VIO supply current will be dependent upon the loading on the logic output pins.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com