Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 65 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4382IPFBT Datasheet(HTML) 65 Page - Burr-Brown (TI)

Back Button SRC4382IPFBT Datasheet HTML 61Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 62Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 63Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 64Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 65Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 66Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 67Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 68Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 69Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
www.ti.com
SRC4382
SBFS030B – JANUARY 2006 – REVISED APRIL 2006
Register 1B: General-Purpose Output 1 (GPO1) Control Register
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
GPO13
GPO12
GPO11
GPO10
GPO[13:10]
General-Purpose Output 1 (GPO1) Configuration
These bits are used to set the state or data source for the general-purpose digital output pin GPO1.
GPO13
GPO12
GPO11
GPO10
GPO1 Function
0
0
0
0
GPO1 is Forced Low (Default)
0
0
0
1
GPO1 is Forced High
0
0
1
0
SRC Interrupt, Active Low
0
0
1
1
Transmitter Interrupt, Active Low
0
1
0
0
Receiver Interrupt, Active Low
0
1
0
1
Receiver 50/15
µs Pre-Emphasis, Active Low
0
1
1
0
Receiver Non-Audio Data, Active High
0
1
1
1
Receiver Non-Valid Data, Active High
1
0
0
0
Receiver Channel Status Bit
1
0
0
1
Receiver User Data Bit
1
0
1
0
Receiver Block Start Clock
Receiver COPY Bit
1
0
1
1
(0 = Copyright Asserted, 1 = Copyright Not Asserted)
Receiver L-Bit
1
1
0
0
(0 = First Generation or Higher, 1 = Original)
1
1
0
1
Receiver Parity Error, Active High
1
1
1
0
Receiver Internal Sync Clock
1
1
1
1
Transmitter Internal Sync Clock
Register 1C: General-Purpose Output 2 (GPO2) Control Register
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
GPO23
GPO22
GPO21
GPO20
GPO[23:20]
General-Purpose Output 2 (GPO2) Configuration
These bits are used to set the state or data source for the general-purpose digital output pin GPO2.
GPO23
GPO22
GPO21
GPO20
GPO2 Function
0
0
0
0
GPO2 is Forced Low (Default)
0
0
0
1
GPO2 is Forced High
0
0
1
0
SRC Interrupt, Active Low
0
0
1
1
Transmitter Interrupt, Active Low
0
1
0
0
Receiver Interrupt, Active Low
0
1
0
1
Receiver 50/15
µs Pre-Emphasis, Active Low
0
1
1
0
Receiver Non-Audio Data, Active High
0
1
1
1
Receiver Non-Valid Data, Active High
1
0
0
0
Receiver Channel Status Bit
1
0
0
1
Receiver User Data Bit
1
0
1
0
Receiver Block Start Clock
Receiver COPY Bit
1
0
1
1
(0 = Copyright Asserted, 1 = Copyright Not Asserted)
Receiver L-Bit
1
1
0
0
(0 = First Generation or Higher, 1 = Original)
1
1
0
1
Receiver Parity Error, Active High
1
1
1
0
Receiver Internal Sync Clock
1
1
1
1
Transmitter Internal Sync Clock
65
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com