Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRC4382IPFBT Datasheet(PDF) 71 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4382IPFBT Datasheet(HTML) 71 Page - Burr-Brown (TI)

Back Button SRC4382IPFBT Datasheet HTML 67Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 68Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 69Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 70Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 71Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 72Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 73Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 74Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 75Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
www.ti.com
CHANNEL STATUS AND USER DATA BUFFER MAPS
SRC4382
SBFS030B – JANUARY 2006 – REVISED APRIL 2006
Register 33: SRC Ratio Readback Register (Read-Only)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
SRF7
SRF6
SRF5
SRF4
SRF3
SRF2
SRF1
SRF0
SRI[4:0]
Integer Part of the Input-to-Output Sampling Ratio
SRF[10:0]
Fractional Part of the Input-to-Output Sampling Ratio
In order to properly read back the ratio, these registers must be read back in sequence, starting with register 0x32.
Register 7F: Page Selection Register
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
0
0
PAGE1
PAGE0
PAGE[1:0]
Page Selection
These bits are utilized to select one of three register pages for write and/or read access via the SPI or I2C serial host interface. The Page
Selection Register is present on every register page at address 0x7F, allowing movement between pages as necessary.
PAGE1
PAGE0
Register/Buffer Page Selection
0
0
Page 0, Control and Status Registers (Default)
0
1
Page 1, DIR Channel Status and User Data Buffers
1
0
Page 2, DIT Channel Status and User Data Buffers
1
1
Page 3, Reserved
Table 5 through Table 8 show the buffer maps for the DIR and DIT channel status and user data buffers.
For Table 5, the channel status byte definitions are dependent on the transmission mode, either Professional or
Consumer. Bit 0 of Byte 0 defines the transmission mode, 0 for Consumer mode, and 1 for Professional mode.
This is applicable for Table 5 and Table 6.
For Table 7, the channel status byte definitions are dependent on the transmission mode, either Professional or
Consumer. Bit 0 of Byte 0 defines the transmission mode, 0 for Consumer mode, and 1 for Professional mode.
In Professional mode, Byte 23 for each channel is reserved for CRC data, which is automatically calculated and
encoded by the DIT. There is no need to program Byte 23 for either channel in Professional mode.
71
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com