Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C940JC/W Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM79C940JC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940JC/W Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM79C940JC/W Datasheet HTML 58Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 59Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 60Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 61Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 62Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 63Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 64Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 65Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 144 page
background image
62
Am79C940
15, additional receive frames will
be ignored, and the Missed
Packet Count (MPC) register will
be incremented for frames which
match the internal address(es)
of the MACE device.
Bit 3–0 XMTFC
Transmit Frame Count. The
[3–0]
(read only) count of the frames in
the Transmit FIFO. A frame is
counted when the last byte is put
in the FIFO. The counter is dec-
remented when XMTSV (in the
Transmit Frame Status and Poll
Register) is set and the Transmit
Frame Status read access is
performed.
Interrupt Register (IR)
(REG ADDR 8)
All status bits are set upon occurrence of an event and
cleared when read. The resister is read only. In addition
all status bits are cleared by hardware or software
reset. Bit assignments for the register are as follows:
Bit
Name
Description
Bit 7
JAB
Jabber Error. JAB indicates that
the MACE device attempted to
transmit for an excessive time
period (20–150 ms), when using
either
the
DAI
port
or
the
10BASE–T port. If the internal
jabber
timer
expires
during
transmission, the transmit bit
stream will be interrupted, until
the internal transmission ceases
and the unjab timer (0.5 s
±0.25
s) expires. The jabber function
will be disabled, and JAB will not
be set, regardless of transmis-
sion length, when either the AUI
or
GPSI
ports
have
been
selected.
JAB is READ/CLEAR only, and
is set by the MACE device and
reset when read. Writing has no
effect. It is also cleared by acti-
vation of the RESET pin or
SWRST bit.
Bit 6
BABL
Babble Error. BABL is the
transmitter time-out error. It in-
dicates that the transmitter has
been on the channel longer
than the time required to send
the maximum packet. It will be
set after 1519 bytes (or great-
er) have been transmitted. The
MACE device will continue to
transmit until the current pack-
et transmission is over. The
INTR pin will be activated if the
corresponding
mask
bit
BABLM = 0.
BABL is READ/CLEAR only,
and is set by the MACE device
and reset when read. Writing
has no effect. It is also cleared
by activation of the RESET pin
or SWRST bit.
Bit 5
CERR
Collision Error. CERR indicates
the absence of the Signal Quali-
ty Error Test (SQE Test) mes-
sage after a packet transmis-
sion. The SQE Test message is
a transceiver test feature. Detec-
tion depends on the MACE net-
work interface selected. In all
cases, CERR will be set if the
MACE device failed to observe
the SQE Test message within 20
network bit times after the pack-
et transmission ended. When
CERR is set, the INTR pin will be
activated if the corresponding
mask bit CERRM = 0.
When the AUI port is selected,
the
SQE
Test
message
is
returned over the CI
± pair as a
brief (5-15 bit times) burst of 10
MHz
activity.
When
the
10BASE–T
port
is
selected,
CERR will be reported after a
transmission
only
when
the
internal transceiver is in the link
fail state (LNKST pin = HIGH).
When the GPSI port is selected,
the CLSN pin must be asserted
by the external encoder/decoder
to provide the SQE Test func-
tion. When the DAI port is select-
ed, CERR will not be reported at
any time.
CERR is READ/CLEAR only. It
is set by the MACE and reset
when
read.
Writing
has
no
effect. It is also cleared by
activation of the RESET pin or
SWRST bit.
Bit 4
RCVCCO
Receive Collision Count Over-
flow. Indicates that the Receive
Collision Count register rolled
over at a value of 255 receive
collisions. Receive collisions are
defined
as
received
frames
which suffered a collision. The
INTR pin will be activated if the
corresponding mask bit RCVC-
COM = 0. Note that the RCVCC
value returned in the Receive
Frame Status (RFS3) will freeze
at a value of 255, whereas this
register
based
version
of
JAB
BABL CERR
RDVCCO
RNTPCO
MPCO
RCVINT
XMTINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com