Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C940JC/W Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # AM79C940JC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940JC/W Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button AM79C940JC/W Datasheet HTML 80Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 81Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 82Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 83Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 84Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 85Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 86Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 87Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 144 page
background image
84
Attachment Unit Interface (AUI)
The AUI can drive up to 50 m of standard drop cable to
allow the transceiver to be remotely located, as is typi-
cally the case in IEEE 803.3 10BASE5 or thick Ether-
net® installations. For a locally mounted transceiver,
such as 802.3 10BASE2 or Cheapernet interface, the
isolation transformer requirements between the trans-
ceiver and the MACE device can be reduced.
When used with the Am79C98 TPEX
 (Twisted Pair
Ethernet Transceiver), the isolation requirements of the
AUI are completely removed providing that the trans-
ceiver is mounted locally. For remote location of the
TPEX via an AUI drop cable, the isolation requirement
is necessary to meet IEEE 802.3 specifications for fault
tolerance and recovery.
CPU
Memory
Power
Supply
Local Bus
10BASE5/Ethernet
DTE
AUI
Cable
MAU
Tap
Am7996
Transceiver
Ethernet
Coax
16235D-14
Am79C940
AUI-10BASE5/Ethernet Example
RG58
BNC “T”
System
CPU
Local
Memory
10BASE2/Cheapernet
Cheapernet
Coax
Power
Supply
Am7996
Transceiver
Am79C940
DMA
Engine
I/O Bus
16235D-15
AUI-10BASE2/Cheapernet Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com