| Electronic Components Datasheet Search |
|
AM79C940JC/W Datasheet(PDF) 69 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C940JC/W Datasheet(HTML) 69 Page - Advanced Micro Devices |
|
69 / 144 page ![]() Am79C940 69 continue to operate even during SLEEP. Incoming packet activity will be passed to the EADI port pins permitting detection of spe- cific frame contents used to ini- tiate a wake-up sequence. RWAKE must be programmed prior to SLEEP being asserted for this function to operate. RWAKE is not cleared by SLEEP, only by activation of the SWRST bit or RESET pin. Bit 0 AWAKE Auto Wake. When set prior to the SLEEP pin being activated, the 10BASE-T receiver section will continue to operate even during SLEEP, and will activate the LNKST pin if Link Pass is detected. AWAKE must be pro- grammed prior to SLEEP being asserted for this function to operate. AWAKE is not cleared by SLEEP, only by activation of the SWRST bit or RESET pin. Chip Identification Register (CHIPID [15-00]) (REG ADDR 16 &17) This 16-bit value corresponds to the specific version of the MACE device being used. The value will be programmed to X940h, where X is a value dependent on version. [For the current version of the MACE de- vice, X = 3 to denote Rev C0 silicon.] Internal Address Configuration (IAC) (REG ADDR 18) This register allows access to and from the multi-byte Physical Address and Logical Address Filter locations, using only a single byte location. The MACE device will reset the IAC register PHYADDR and LOGADDR bits after the appropriate number of read or write cycles have been executed on the Physical Address Register or the Logical Address Filter. Once the LOGADDR bit is set, the MACE device will reset the bit after 8 read or write operations have been performed. Once the PHYADDR bit is set, the MACE device will reset the bit after 6 read or write operations have been performed. The MACE device makes no distinction be- tween read or write operations, advancing the internal address RAM pointer with each access. If both PHY- ADDR and LOGADDR bits are set, the MACE device will accept only the LOGADDR bit. If the PHYADDR bit is set and the Logical Address Filter location is ac- cessed, a DTV will not be returned. Similarly, if the LOGADDR bit is set and the Physical Address Register location is accessed, DTV will not be returned. PHY- ADDR or LOGADDR can be set in the same cycle as ADDRCHG. Bit Name Description Bit 7 ADDRCHG Address Change. When set, allows the physical and/or logi- cal address to be read or pro- grammed. When ADDRCHG is set, ENRCV will be cleared, the MPC will be stopped, and the last or current in progress receive frame will be received as normal. After the frame com- pletes, access to the internal address RAM will be permitted, indicated by the MACE device clearing the ADDRCHG bit. Please refer to the register description of the ENRCV bit in the MAC Configuration Control register (REG ADDR 13) for the effect of clearing the ENRCV bit. Normal reception can be resumed once the physical/logi- cal address has been changed, by setting ENRCV. Bit 6-3 RES Reserved. Read as zeroes. Always write as zeroes. Bit 2 PHYADDR Physical Address Reset. When set, successive reads or writes to the Physical Address Register will occur in the order PADR [07–00], PADR [15–08],...., PADR [47–40]. Each read or write operation on the PADR location will auto-increment the internal pointer to access the next most significant byte. Bit 1 LOGADDR Logical Address Reset. When set, successive reads or writes to the Logical Address Filter will occur in the order LADRF [07– 00], LADRF [15-08],....,LADRF [63–56]. Each read or write operation on the LADRF location will auto-increment the internal pointer to access the next most significant byte. Bit 0 RES Reserved. Read as zero. Always write as zero. Logical Address Filter (LADRF [63–00]) (REG ADDR 20) This 64-bit mask is used to accept incoming Logical Addresses. The Logical Address Filter is expected to be programmed at initialization (after hardware or CHIPID [07–00] CHIPID [15–08] ADDRCHG RES RES RES RES PHYADDR LOGADDR RES LADRF [63–00] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |